Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2022MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2022MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2022MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP2022MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics: 2.5 V
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5 V, V− = 0 V, V
CM = V
+/2, R
L >10 kΩ to V
+/2.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
(6)
The number specified is the average of rising and falling slew rates and is measured at 90% to 10%.
IS
Supply Current
Per Amplifier
0.95
1.10
mA
Per Amplifier, –40°C
≤ TJ ≤ 125°C
1.37
SR
Slew Rate(6)
AV = +1, CL = 20 pF, RL = 10 kΩ
VO = 2 VPP
2.5
V/
μs
GBW
Gain Bandwidth Product
CL = 20 pF, RL = 10 kΩ
5
MHz
GM
Gain Margin
CL = 20 pF, RL = 10 kΩ
10
dB
ΦM
Phase Margin
CL = 20 pF, RL = 10 kΩ
60
deg
CIN
Input Capacitance
Common Mode
12
pF
Differential Mode
12
en
Input-Referred Voltage Noise
Density
f = 0.1 kHz or 10 kHz, AV = 1000
11
nV/
√Hz
f = 0.1 kHz or 10 kHz, AV = 100
15
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
260
nVPP
0.01 Hz to 10 Hz
330
In
Input-Referred Current Noise
f = 1 kHz
350
fA/
√Hz
tr
Recovery time
to 0.1%, RL = 10 kΩ, AV = −50,
VOUT = 1.25 VPP Step, Duration = 50 μs
50
µs
CT
Cross Talk
LMP2022, f = 1 kHz
150
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com