Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2022MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2022MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2022MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP2022MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
1
10
100
VS = 5V
VS = 2.5V
GAIN = 1000
2
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0.75
1
1.25
1.5
2.5
125°C
85°C
25°C
-40°C
-0.2
0.2
0.6
1
1.4
1.8
-10
-5
0
5
10
COMMON MODE VOLTAGE (V)
-40°C
25°C
85°C
125°C
VS = 2.5V
-0.2
0.6
1.4
2.2
3
4.6
COMMON MODE VOLTAGE (V)
-10
-5
0
5
10
3.8
-40°C
25°C
85°C
125°C
10
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5 V, VCM = VS/2.
Figure 7. Input Bias Current vs. VCM
Figure 8. Input Bias Current vs. VCM
Figure 9. Offset Voltage vs. VCM
Figure 10. Offset Voltage vs. VCM
Figure 11. Supply Current vs. Supply Voltage (Per Amplifier)
Figure 12. Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com