Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2022MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2022MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2022MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP2022MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
2
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
40
80
120
160
2.5
-40°C
25°C
85°C
125°C
RL = 2 k:
2
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
0
40
80
120
160
200
5.5
RL = 2 k:
125°C
85°C
25°C
-40°C
10
100
1k
10k
100k
FREQUENCY (Hz)
40
60
80
100
120
140
160
VS = 2.5V
VS = 5V
VS = 2.5V, 5V
VCM = VS/2
2
2.5
3
3.5
4
4.5
5
5.5
2
2.2
2.4
2.6
2.8
3
SUPPLY VOLTAGE (V)
VIN = 1 VPP
AV = +1
f = 10 kHz
RL = 10 k:
CL = 20 pF
FALLING EDGE
RISING EDGE
12
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5 V, VCM = VS/2.
Figure 19. Time Domain Input Voltage Noise
Figure 20. Time Domain Input Voltage Noise
Figure 21. CMRR vs. Frequency
Figure 22. Slew Rate vs. Supply Voltage
Figure 23. Output Swing High vs. Supply Voltage
Figure 24. Output Swing Low vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com