Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MA/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MA/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MA/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMP8358MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
Shutdown Enable (Serial, Parallel)
When the SHDN bit of the LMP8358 register is set to 1b the part is put into shutdown mode. It will use less than
1
μA in this state.
Table 11. Shutdown (Register bit 9)
SHDN
Mode
0
Active mode
1
Shutdown mode
Filter and External Filter Capacitor (Serial)
The FILT bit controls the state of switch S2 shown in the Block Diagram. When G[2:0] = 000b to 110b, switch S2
will be open if FILT = 0b and S2 will be closed if FILT = 1b. When G[2:0] = 111b switch S2 is always closed and
does not depend on the value in the FILT bit.
When FILT = 1b and COMP[2:0] = 1xxb the LMP8358 is unity-gain stable and an external filter cap can be
applied as shown in Figure 53. The corner filter of the filter is:
F-3dB = 1/(2πRFILTERCFILTER)
(2)
RFILTER depends on the gain of the part and is shown inTable 13.
Table 12. Filter (Register bit 10)
FILT
Mode
0
No external filter cap used
1
External filter cap used
Table 13. RFILTER Value
Gain
RFILTER Value
10
18.5 k
Ω
20
112 k
Ω
50
168 k
Ω
100
187 k
Ω
200
1.12 M
Ω
500
1.68 M
Ω
1000
1.87 M
Ω
User-Defined Gain
External Resistor R1
The tolerance of the RFILTER value for the pre-defined gains is about ±3%. If an external filter cap is not used
FILT should be set to 0b to prevent errors related to leakage currents on the FB pin.
Fault Detection Pin and Current Setting (Serial)
The LMP8358 has an internal current source that can be used to detect faults in the overall system. See the
FAULT DETECTION METHODS Section. When PIN = 0b this current source is connected to the +IN pin. When
PIN = 1b the current source is connected to the
−IN pin.
Table 14. Pin Current Source (Register bit 11)
PIN
Current source is connected to
0
+IN pin
1
−IN pin
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com