Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MA/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MA/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MA/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMP8358MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 32Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 33Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 34Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 35Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
MICRO
CONTROLLER
+IN
-IN
REFS
REFF
FB
OUT
+5V
1
2
3
4
5
6
7
VHSER/VLPAR
V
-
VLSER/VHPAR
SCK/G2
SDI/G1
SDO/G0
8
9
10
11
12
13
14
V
+
LMP8358
CSB/SHDN
+3.3V
R3
R4
R1
R2
EMI
VBRIDGE
ADC161S626
VREF
CSB
SCLK
DOUT
VA VIO
+5V
0.1 PF
+5V
MICRO
CONTROLLER
+3.3V
+
-
R
C
+
0.1 PF
10 PF
10k
10k
100pF
+5V
8k
2k
0.1 PF
+
0.1 PF
10 PF
+
0.1 PF
10 PF
LMP7701
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
negative input of the ADC and the REFF and REFS pins of the LMP8358 can be set to +2.5V to set the signal at
the center of the supply. A resistor divider supplies +2.5V to the positive input of an LMP7701 set up in a buffer
configuration. The LMP7701 acts as a low impedance source for the REFF pin. The VIOand VHSER/VLPAR pins
should all be set to the same voltage as the microcontroller, +3.3V in this example. The VLSER/VHPAR pin
should be connected to ground. The resistor and capacitor between the LMP8358 and the ADC161S626 serve a
dual purpose. The capacitor is a charge reservoir for the sampling capacitor of the ADC. The resistor provides
isolation for the LMP8358 from the capacitive load. The values listed in the ADC161S626 datasheet are 180
Ω for
the resistor and the 470pF for the capacitor. These two components also form a low pass filter of about 1.9MHz.
If a filter is needed to attenuate disturbance from the internal auto
−zeroing at 12kHz and the ping−pong
frequency at 50kHz of the LMP8358 these values could be changed to 7870
Ω and 0.01µF which will make a filter
with a corner of about 2kHz.
Figure 61. Differential Bridge Sensor
32
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com