Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MA/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MA/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MA/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMP8358MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
4V
4V
1.5k
3V
+
-
+5V
1k
1k
1k
1k
+IN
-IN
OUT
+5V
V
+
+
-
+5V
1k
1k
1k
1k
2.5V
2.5V
+IN
-IN
OUT
+5V
V
+
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
The Fault Detection Current bit, CUR[2:0] controls the amount of current that sent to the input pin as shown in
Table 15.
Table 15. Fault Detection Current Source (Register bits 14:12)
CUR2
CUR1
CUR0
0
0
0
disconnected and powered down *
0
0
1
10 nA
0
1
0
100 nA
0
1
1
1
μA
1
0
0
10 µA
1
0
1
100 µA
1
1
0
disconnected, but powered *
1
1
1
Do Not Use
* Leaving the fault detection current source powered allows it to switch between current levels faster, particularly
when supplying currents less than 1 µA.
FAULT DETECTION METHODS
Using the Multiplexer, Polarity, and Current features the end user can detect faults in the system between the
sensor and the LMP8358. These examples will use the set up shown in Figure 54 which shows a bridge sensor
connected through some cabling to a supply and the LMP8358. The fault detection methods are described
below.
Figure 54. Bridge Connected to the LMP8358 With No Problems
Common Mode Out of Range
Figure 55 shows an example of a degraded connection between the bottom of the bridge and ground. This fault
is shown by the 1.5 k
Ω resistor placed between the bridge and ground. This will raise the common mode at the
inputs of the LMP8358 to 4V, which is out of the CMVR. To determine the common mode voltage at the input
pins, use the 1/50 feature by setting MUX[1:0] to 10b to test the +IN pin or to 11b to test the
−IN pin, POL to 0b,
and G[2:0] to 010b for a gain of 50 (0082x or 00C2x). This will give an overall gain of 1 and the output will read
4V for either MUX setting.
Figure 55. Degraded Connection Between the Bottom of the Bridge and Ground
28
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com