Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MA/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MA/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MA/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMP8358MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 32Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 33Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
100 PA
1k
2.55V
2.5V
+
-
+5V
1k
1k
1k
1k
2.5V
+IN
-IN
OUT
+5V
V
+
100 PA
1k
2.65V
2.55V
+
-
+5V
1k
1k
1k
1k
2.5V
+IN
-IN
OUT
+5V
V
+
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Degraded Input Line
Figure 59 shows an example of a degraded connection between the bridge and the +IN pin of the LMP8358.
This fault is shown by the 1 k
Ω resistor placed between the bridge and the LMP8358. To detect this fault use the
1/50 feature by setting MUX[1:0] to 10b to test the +IN pin, POL to 0b, and G[2:0] to 010b for a gain of 50. This
will give an overall gain of 1. Set CUR[2:0] = 101b to inject a 100µA current and read the output voltage (5082x).
Next set MUX[1:0] to 11b and PIN to 1b to test the
−IN pin as shown in Figure 60 and read the output (58C2x). If
the voltages of these two measurements are different a degraded input fault exists.
Figure 59. Degraded Input Line, Step 1
Figure 60. Degraded Input Line, Step 2
Fault Detection Example
Using the fault detection features of the LMP8358 an end product, such as a scale, can periodically test that no
damage has occurred to the system. A routine can be written that could, for example, run on start up, that will
step through the fault detection features shown above and compare the output voltage to a table like that shown
in Table 16. If the circuit shown in Figure 54 is used the values shown in column 2 of Table 16 would show that
the system is working correctly, the values in the columns under the Possible Faults heading would show that
there is a potential problem and that operator attention is needed.
Table 16. Fault Detection Matrix
No Faults
Possible Faults
LMP8358
VOUT
VOUT
Possible Cause
VOUT
Possible Cause
VOUT
Possible Cause
Register
00 82x
2.5V
VOUT < CMVR or
Input is out of
V+
+IN shorted to V+
0V
+IN shorted to
VOUT > CMVR
CMVR
GND
00 C2x
2.5V
VOUT < CMVR or
Input is out of
V+
−IN shorted to V+
0V
−IN shorted to
VOUT > CMVR
CMVR
GND
50 00x
0.61V
V+
+IN Open
0.07V
Inputs shorted
50 03x
4.97V
V+
−IN
0.7V
Inputs shorted
50 82x
2.55V
2.65V*
Degraded +IN line
58 C2x
2.55V
2.55V*
Degraded +IN line
50 82x
2.55V
2.55V*
Degraded
−IN line
30
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com