Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MA/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP8358MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
3.3V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 3.3V , V− = 0V, V
REF = V
+/2, V
CM = V
+/2, R
L = 10 kΩ to
VREF, CL = 10 pF; Serial Control Register: G[2:0] = 110b (Gain = 1000x), COMP[2:0] = 000b, MUX[1:0] = 00b, POL, SHDN,
FILT, PIN = 0b, CUR[2:0] = 000b. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
ts
0.01% Settling Time
2 V Step, CL = 10 pF, COMP[2:0] = 011b
4
µs
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
32
40
RL = 10 kΩ to V
+/2
12
mV from
17
top rail
RL > 1 MΩ to V
+/2
7
12
Output Voltage Swing Low
RL = 2 kΩ to V
+/2
28
38
mV from
RL = 10 kΩ to V
+/2
12
bottom
17
rail
RL > 1 MΩ to V
+/2
8
13
IOUT
Output Current Sourcing
VOUT tied to V
+/2
21
28
15
mA
Output Current Sinking
VOUT tied to V
+/2
32
37
25
IS
Supply Current
Fault detection off, VIN DIFF = 0V
1.8
2.1
mA
Fault detection on, VIN DIFF = 0V
1.9
2.2
mA
in Shutdown
0.014
1
µA
TSD_ON
Turn-on time from Shutdown
85
µs
PSE
Prescaler Error (Offset + Gain Error)
VCM = V
+/2
5
15
mV
Prescaler Gain Factor
0.02
V/V
ITEST
Fault Detection: Test Current
Setting 1 (CUR[2:0] = 001b), VCM < V
+ −
10
nA
1.15V
Setting 2 (CUR[2:0] = 010b), VCM < V
+ −
100
nA
1.15V
Setting 3 (CUR[2:0] = 011b), VCM < V
+ −
1
µA
1.15V
Setting 4 (CUR[2:0] = 100b), VCM < V
+ −
10
µA
1.15V
Setting 5 (CUR[2:0] = 101b), VCM < V
+ −
100
µA
1.15V
5.0V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 5.0V , V− = 0V, V
REF = V
+/2, V
CM = V
+/2, R
L = 10 kΩ to
VREF, CL = 10 pF; Serial Control Register: G[2:0] = 110b (Gain = 1000x), COMP[2:0] = 000b, MUX[1:0] = 00b, POL, SHDN,
FILT, PIN = 0b, CUR[2:0] = 000b. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
VCM = V
+/2
0.9
10
15
µV
VCM = 0V
0.9
10
15
TCVOS
Input Offset Voltage Temperature Drift(3)
VCM = V
+/2
50
nV/°C
VCM = 0V
50
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values indicate the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
The offset voltage average drift is determined by dividing the value of VOS at the temperature extremes by the total temperature change.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com