Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83865 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 17Page - National Semiconductor (TI) DP83865 Datasheet HTML 18Page - National Semiconductor (TI) DP83865 Datasheet HTML 19Page - National Semiconductor (TI) DP83865 Datasheet HTML 20Page - National Semiconductor (TI) DP83865 Datasheet HTML 21Page - National Semiconductor (TI) DP83865 Datasheet HTML 22Page - National Semiconductor (TI) DP83865 Datasheet HTML 23Page - National Semiconductor (TI) DP83865 Datasheet HTML 24Page - National Semiconductor (TI) DP83865 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
21
www.national.com
2.0 Register Block (Continued)
2.3 Register Description
In the register description under the ‘Default’ heading, the following definitions hold true:
—RW
= Read Write access
—RO
= Read Only access
—LH
= Latched High until read, based upon the occurrence of the corresponding event
—LL
= Latched Low until read, based upon the occurrence of the corresponding event
— SC
= Register sets on event occurrence (or is manually set) and Self-Clears when event ends
— P
= Register bit is Permanently set to a default value
— STRAP[x]
= Default value read from Strapped value at device pin at Reset, where x may take the values:
[0] internal pull-down
[1] internal pull-up
Table 3. Basic Mode Control Register (BMCR) address 0x00
Bit
Bit Name
Default
Description
15
Reset
0, RW, SC
Reset:
1 = Initiate software Reset / Reset in Process.
0 = Normal operation.
This bit sets the status and control registers of the PHY to their
default states. This bit, which is self-clearing, returns a value of
one until the reset process is complete (approximately 1.2 ms for
reset duration). Reset is finished once the Auto-Negotiation pro-
cess has begun or the device has entered it’s forced mode.
14
Loopback
0, RW
Loopback:
1 = Loopback enabled.
0 = Normal operation.
The loopback function enables MII/GMII transmit data to be rout-
ed to the MII/GMII receive data path. The data loops around at
the DAC/ADC Subsystem (see block diagram page 2), bypassing
the Drivers/Receivers block. This exercises most of the PHY’s in-
ternal logic.
13
Speed[0]
STRAP[0], RW Speed Select:
When Auto-Negotiation is disabled, bits 6 and 13 select device
speed selection per table below:
Speed[1]
Speed[0]
Speed Enabled
11
= Reserved
1
0
= 1000 Mbps
0
1
= 100 Mbps
0
0
= 10 Mbps
(The default value of this bit is = to the strap value of pin 7 during
reset/power-on IF Auto-Negotiation is disabled.)
12
AN_EN
STRAP[1], RW Auto-Negotiation Enable:
1 = Auto-Negotiation Enabled - bits 6, 8 and 13 of this register are
ignored when this bit is set.
0 = Auto-Negotiation Disabled - bits 6, 8 and 13 determine the link
speed and mode.
(The default value of this bit is = to the strap value of pin 10 during
reset/power-on.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com