Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83865 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 22Page - National Semiconductor (TI) DP83865 Datasheet HTML 23Page - National Semiconductor (TI) DP83865 Datasheet HTML 24Page - National Semiconductor (TI) DP83865 Datasheet HTML 25Page - National Semiconductor (TI) DP83865 Datasheet HTML 26Page - National Semiconductor (TI) DP83865 Datasheet HTML 27Page - National Semiconductor (TI) DP83865 Datasheet HTML 28Page - National Semiconductor (TI) DP83865 Datasheet HTML 29Page - National Semiconductor (TI) DP83865 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
www.national.com
26
2.0 Register Block (Continued)
This register contains the advertised abilities of the Link Partner as received during Auto-Negotiation
Table 8. Auto-Negotiation Link Partner Ability Register (ANLPAR) address 0x05
Bit
Bit Name
Default
Description
15
NP
0, RO
Next Page Indication:
0 = Link Partner does not desire Next Page Transfer.
1 = Link Partner desires Next Page Transfer.
14
ACK
0, RO
Acknowledge:
1 = Link Partner acknowledges reception of the ability data word.
0 = Not acknowledged.
The Device’s Auto-Negotiation state machine will automatically
control this bit based on the incoming FLP bursts. Software
should not attempt to write to this bit.
13
RF
0, RO
Remote Fault:
1 = Remote Fault indicated by Link Partner.
0 = No Remote Fault indicated by Link Partner.
12
Reserved
0, RO
Reserved for Future IEEE use: Write as 0, read as 0.
11
ASY_PAUSE
0, RO
Asymmetrical PAUSE:
1 = Link Partner supports Asymmetrical Pause direction.
0 = Link Partner does not support Asymmetrical Pause direction.
10
PAUSE
0, RO
PAUSE:
1 = Link Partner supports Pause frames.
0 = Link Partner does not support Pause frames.
9
100BASE-T4
0, RO
100BASE-T4 Support:
1 = 100BASE-T4 is supported by the Link Partner.
0 = 100BASE-T4 not supported by the Link Partner.
8
100BASE-TX
Full Duplex
0, RO
100BASE-TX Full Duplex Support:
1 = 100BASE-TX Full Duplex is supported by the Link Partner.
0 = 100BASE-TX Full Duplex not supported by the Link Partner.
7
100BASE-TX
(Half Duplex)
0, RO
100BASE-TX (Half Duplex) Support:
1 = 100BASE-TX (Half Duplex) is supported by the Link Partner.
0 = 100BASE-TX (Half Duplex) not supported by the Link Partner.
6
10BASE-T
Full Duplex
0, RO
10BASE-T Full Duplex Support:
1 = 10BASE-T Full Duplex is supported by the Link Partner.
0 = 10BASE-T Full Duplex not supported by the Link Partner.
5
10BASE-T
(Half Duplex)
0, RO
10BASE-T (Half Duplex) Support:
1 = 10BASE-T (Half Duplex) is supported by the Link Partner.
0 = 10BASE-T (Half Duplex) not supported by the Link Partner.
4:0
PSB[4:0]
5’b<0_0000>,
RO
Protocol Selection Bits:
Link Partners’s binary encoded protocol selector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com