Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83865 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 14Page - National Semiconductor (TI) DP83865 Datasheet HTML 15Page - National Semiconductor (TI) DP83865 Datasheet HTML 16Page - National Semiconductor (TI) DP83865 Datasheet HTML 17Page - National Semiconductor (TI) DP83865 Datasheet HTML 18Page - National Semiconductor (TI) DP83865 Datasheet HTML 19Page - National Semiconductor (TI) DP83865 Datasheet HTML 20Page - National Semiconductor (TI) DP83865 Datasheet HTML 21Page - National Semiconductor (TI) DP83865 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
www.national.com
18
2.0 Register Block
2.1 Register Definitions
Register maps and address definitions are given in the following table:
Table 2. Register Block - DP83865 Register Map
Offset
Access
Tag
Description
Hex
Decimal
0x00
0
RW
BMCR
Basic Mode Control Register
0x01
1
RO
BMSR
Basic Mode Status Register
0x02
2
RO
PHYIDR1
PHY Identifier Register #1
0x03
3
RO
PHYIDR2
PHY Identifier Register #2
0x04
4
RW
ANAR
Auto-Negotiation Advertisement Register
0x05
5
RW
ANLPAR
Auto-Negotiation Link Partner Ability Register
0x06
6
RW
ANER
Auto-Negotiation Expansion Register
0x07
7
RW
ANNPTR
Auto-Negotiation Next Page TX
0x08
8
RW
ANNPRR
Auto-Negotiation Next Page RX
0x09
9
RW
1KTCR
1000BASE-T Control Register
0x0A
10
RO
1KSTSR
1000BASE-T Status Register
0x0B-0x0E
11-14
RO
Reserved
Reserved
0x0F
15
RO
1KSCR
1000BASE-T Extended Status Register
0x10
16
RO
STRAP_REG
Strap Options Register
0x11
17
RO
LINK_AN
Link and Auto-Negotiation Status Register
0x12
18
RW
AUX_CTRL
Auxiliary Control Register
0x13
19
RW
LED_CTRL
LED Control Register
0x14
20
RO
INT_STATUS
Interrupt Status Register
0x15
21
RW
INT_MASK
Interrupt Mask Register
0x16
22
RO
EXP_MEM_CTL
Expanded Memory Access Control
0x17
23
RW
INT_CLEAR
Interrupt Clear Register
0x18
24
RW
BIST_CNT
BIST Counter Register
0x19
25
RW
BIST_CFG1
BIST Configuration Register #1
0x1A
26
RW
BIST_CFG2
BIST Configuration Register #2
0x1B-0x1C
27-28
RO
Reserved
Reserved
0x1D
29
RW
EXP_MEM_DATA
Expanded Memory Data
0x1E
30
RW
EXP_MEM_ADDR
Expanded Memory Address
0x1F
31
RW
PHY_SUP
PHY Support Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com