Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83865 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 8Page - National Semiconductor (TI) DP83865 Datasheet HTML 9Page - National Semiconductor (TI) DP83865 Datasheet HTML 10Page - National Semiconductor (TI) DP83865 Datasheet HTML 11Page - National Semiconductor (TI) DP83865 Datasheet HTML 12Page - National Semiconductor (TI) DP83865 Datasheet HTML 13Page - National Semiconductor (TI) DP83865 Datasheet HTML 14Page - National Semiconductor (TI) DP83865 Datasheet HTML 15Page - National Semiconductor (TI) DP83865 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
www.national.com
12
1.0 Pin Description (Continued)
1.10 Pin Assignments in the Pin Number Order
Table 1.
Pin #
Data Sheet Pin Name
Type
Connection / Comment
1
NON_IEEE_STRAP
Strap
Non IEEE Compliant Mode Enable: Use a 2k
Ω
pull-up resistor to enable. Leave open to disable.
2
RESERVED
Reserved Reserved: Leave floating.
3
INTERRUPT
Output
INTERRUPT: Connect to MAC or management
IC. This is a tri-state pin and requires an external
2k
Ω pull-up resistor if the pin is used.
4IO_VDD
Power
I/O VDD: (Digital) Connect to 2.5V or 3.3V. The
VDD_SEL pin must be tied accordingly.
5
VSS
Ground
Ground: Connect to common ground plane.
6
TX_TCLK
Output
Transmit Test Clock: See section “1.9 Special
Connect Pins” on page 11.
7
ACTIVITY_LED / SPEED0_STRAP
Strap /
Output
Activity LED / SPEED0 Select: See section
“5.9 LED/Strapping Option” on page 67 on how
to connect this pin for speed selection and
ACTIVITY_LED function.
8
LINK10_LED / RLED/SPEED1_STRAP
Strap /
Output
10M Link LED / RLED / SPEED1: See section
“5.9 LED/Strapping Option” on page 67 on how
to connect this pin for speed selection and
LINK10_LED function.
9
LINK100_LED / DUPLEX_STRAP
Strap /
Output
100M Link LED / Duplex Select: See section
“5.9 LED/Strapping Option” on page 67 on how
to connect this pin for Duplex selection and
100_LED function.
10
LINK1000_LED / AN_EN_STRAP
Strap /
Output
1000M Link LED / Auto-Neg. Select: See sec-
tion “5.9 LED/Strapping Option” on page 67 on
how to connect this pin for Auto-negotiation con-
figuration and 1000_LED function.
11
CORE_VDD
Power
Core VDD: (Digital) Connect to 1.8V.
12
VSS
Ground
Ground: Connect to common ground plane.
13
DUPLEX_LED / PHYADDR0_STRAP
Strap /
Output
Duplex LED / PHY Address 0: See section
“5.9 LED/Strapping Option” on page 67 on how
to connect this pin for PHY address configura-
tion and DUPLEX_LED function.
14
PHYADDR1_STRAP
Strap
PHY Address 1: See section
“5.9 LED/Strapping Option” on page 67 on how
to connect this pin.
15
IO_VDD
Power
I/O VDD: (Digital) Connect to 2.5V or 3.3V. The
VDD_SEL pin must be tied accordingly.
16
VSS
Ground
Ground: Connect to common ground plane.
17
PHYADDR2_STRAP
Strap
PHY Address 2: See section
“5.9 LED/Strapping Option” on page 67 on how
to connect this pin
18
PHYADDR3_STRAP
Strap
PHY Address 3: See section
“5.9 LED/Strapping Option” on page 67 on how
to connect this pin
19
CORE_VDD
Power
Core VDD: (Digital) Connect to 1.8V.
20
VSS
Gound
Ground: Connect to common ground plane.
21
IO_VDD
Power
I/O VDD: (Digital) Connect to 2.5V or 3.3V. The
VDD_SEL pin must be tied accordingly.
22
VSS
Ground
Ground: Connect to common ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com