Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83865 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 9Page - National Semiconductor (TI) DP83865 Datasheet HTML 10Page - National Semiconductor (TI) DP83865 Datasheet HTML 11Page - National Semiconductor (TI) DP83865 Datasheet HTML 12Page - National Semiconductor (TI) DP83865 Datasheet HTML 13Page - National Semiconductor (TI) DP83865 Datasheet HTML 14Page - National Semiconductor (TI) DP83865 Datasheet HTML 15Page - National Semiconductor (TI) DP83865 Datasheet HTML 16Page - National Semiconductor (TI) DP83865 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
13
www.national.com
1.0 Pin Description (Continued)
23
RESERVED
Reserved Reserved: Leave floating.
24
TCK
Input
JTAG Test Clock: This pin should be left float-
ing if not used.
25
CORE_VDD
Power
Core VDD: (Digital) Connect to 1.8V.
26
VSS
Ground
Ground: Connect to common ground plane.
27
TMS
Input
JTAG Test Mode Select: This pin should be left
floating if not used.
28
TDO
Output
JTAG Test Data Output: This pin should be left
floating if not used.
29
IO_VDD
Power
I/O VDD: (Digital) Connect to 2.5V or 3.3V. The
VDD_SEL pin must be tied accordingly.
30
VSS
Ground
Ground: Connect to common ground plane.
31
TDI
Input
JTAG Test Data Input: This pin should be left
floating if not used.
32
TRST
Input
JTAG Test Reset: This pin should be pulled
down through a 2k
Ω resistor if not used.
33
RESET
Input
Reset: Connect to board reset signal.
34
VDD_SEL_STRAP
Strap
I/O VDD Select: Pull high to select 3.3V or low
to select 2.5V. The pin must be connected direct-
ly to power or ground (no pull-up/down resistor!).
35
CORE_VDD
Power
Core VDD: (Digital) Connect to 1.8V.
36
VSS
Ground
Ground: Connect to common ground plane.
37
IO_VDD
Power
I/O VDD: (Digital) Connect to 2.5V or 3.3V. The
VDD_SEL pin must be tied accordingly.
38
VSS
Ground
Ground: Connect to common ground plane.
39
COL
Output
Collision: Connect to MAC chip through a single
50
Ω impedance trace. This output is capable of
driving 35 pF load and is not intended to drive
connectors, cables, backplanes or multiple trac-
es. This applies if the part is in 100 Mbps mode
or 1000 Mbps mode.
40
CRS/RGMII_SEL0
Output
Carrier Sense: Connect to MAC chip through a
single 50
Ω impedance trace. This output is ca-
pable of driving 35 pf load and is not intended to
drive connectors, cables, backplanes or multiple
traces. This applies if the part is in 100 Mbps
mode or 1000 Mbps mode.
41
RX_ER/RXDV_ER
Output
Receive Error: Connect to MAC chip through a
single 50
Ω impedance trace. This output is ca-
pable of driving 35 pf load and is not intended to
drive connectors, cables, backplanes or multiple
traces. This applies if the part is in 100 Mbps
mode or 1000 Mbps mode.
42
IO_VDD
Power
I/O VDD: (Digital) Connect to 2.5V or 3.3V. The
VDD_SEL pin must be tied accordingly.
43
VSS
Ground
Ground: Connect to common ground plane.
44
RX_DV/RCK
Output
Receive Data Valid: Connect to MAC chip
through a single 50
Ω impedance trace. This out-
put is capable of driving 35 pf load and is not in-
tended to drive connectors, cables, backplanes
or multiple traces. This applies if the part is in
100 Mbps mode or 1000 Mbps mode.
Table 1.
Pin #
Data Sheet Pin Name
Type
Connection / Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com