Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MA/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV641MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Differential Input VID
±0.3V
Supply Voltage (VS = V
+ - V−)
13.2V
Input/Output Pin Voltage
V+ +0.3V, V−
−0.3V
Storage Temperature Range
−65°C to +150°C
Junction Temperature (4)
+150°C
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX, θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Temperature Range (2)
−40°C to 125°C
Supply Voltage (VS = V
+ - V−)
2.7V to 12V
Package Thermal Resistance (
θJA)
(2)
5-Pin SC70
456°C/W
8-Pin SOIC
166°C/W
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
The maximum power dissipation is a function of TJ(MAX, θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 2.7V, V− = 0V, V
O = VCM = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
30
500
µV
VOS
Input Offset Voltage
750
TC VOS
Input Offset Average Drift
0.1
μV/°C
75
95
nA
IB
Input Bias Current
(3)
110
IOS
Input Offset Current
0.9
5
nA
89
114
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
dB
84
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
Positive current corresponds to current flowing into the device.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com