Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MA/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV641MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2
3
4
5
6
7
8
9
10 11 12
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE (V)
VOUT = V
+
/2
25°C
-40°C
125°C
2
3
4
5
6
7
8
9
10
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
125°C
25°C
-40°C
VOUT = V
+
/2
0.001
0.01
0.1
1
10
VOUT (V)
0.001
0.01
0.1
1
V
+
= +1.35V
V
-
= -1.35V
VIN = 1 kHz SINE WAVE
AV = +2
RL = 2 k:
RL = 100 k:
0.001
0.01
0.1
1
10
VOUT (V)
0.001
0.01
0.1
1
V
+
= +5V
V
-
= -5V
VIN = 1 kHz SINE WAVE
AV = +2
RL = 2 k:
RL = 10 k:
10
100
1k
10k
100k
FREQUENCY (Hz)
0.001
0.01
0.1
V
+
= +1.35V
V
-
= -1.35V
VIN = 1 VPP
AV = +2
RL = 2 k:
RL = 10 k:
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0001
0.001
0.01
0.1
V
+
= +5V
V
-
= -5V
VIN = 1 VPP
AV = +2
RL = 2 k:
RL = 10 k:
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 10V, V− = 0V, V
CM = VS/2.
THD+N
THD+N
vs.
vs.
Frequency
Frequency
Figure 23.
Figure 24.
THD+N
THD+N
vs.
vs.
VOUT
VOUT
Figure 25.
Figure 26.
Sourcing Current
Sinking Current
vs.
vs.
Supply Voltage
Supply Voltage
Figure 27.
Figure 28.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com