Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MA/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV641MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
V
+
1
2
3
4
5
6
7
8
N/C
VIN
-
VIN
+
V
-
N/C
VOUT
N/C
-
+
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
10V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 10V, V− = 0V,V
O = VCM = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
94.5
105
2.7V
≤ V+ ≤ 10V, VCM = 0.5V
92.5
PSRR
Power Supply Rejection Ratio
dB
94
100
2.7V
≤ V+ ≤ 12V, VCM = 0.5V
92
Input Common-Mode Voltage
CMRR
≥ 80 dB
CMVR
0
9.1
V
Range
CMRR
≥ 76 dB
0.3V
≤ VO ≤ 9.7V, RL = 2 kΩ to V
+/2
90
99
0.4V
≤ VO ≤ 9.6V, RL = 2 kΩ to V
+/2
85
AVOL
Large Signal Voltage Gain
dB
0.3V
≤ VO ≤ 9.7V, RL = 10 kΩ to V
+/2
97
104
0.4V
≤ VO ≤ 9.6V, RL = 10 kΩ to V
+/2
92
68
95
RL = 2 kΩ to V
+/2, V
IN = 100 mV
125
Output Swing High
37
55
RL = 10 kΩ to V
+/2, V
IN = 100 mV
65
mV from
VO
rail
65
90
RL = 2 kΩ to V
+/2, V
IN = 100 mV
110
Output Swing Low
32
42
RL = 10 kΩ to V
+/2, V
IN = 100 mV
52
VIN_DIFF = 100 mV
Sourcing
26
Sourcing and Sinking Output
IOUT
mA
to VO = V
+/2 (4)
Current
Sinking
112
158
190
IS
Supply Current
μA
240
AV = +1, VO = 2V to 8
Rising (10% to 90%)
2.6
SR
Slew Rate
V/
μs
VPP
Falling (90% to 10%)
1.6
GBW
Gain Bandwidth Product
10
MHz
en
Input-Referred Voltage Noise
f = 1 kHz
14
nV/
in
Input-Referred Current Noise
f = 1 kHz
0.15
pA/
THD
Total Harmonic Distortion
f = 1 kHz, AV = 2, RL = 2 kΩ
0.002
%
(4)
The part is not short circuit protected and is not recommended for operation with low resistive loads. Typical sourcing and sinking output
current curves are provided in the Typical Performance Characteristics and should be consulted before designing for heavy loads.
CONNECTION DIAGRAMS
Figure 3. 5-Pin SOT-23/SC70
Figure 4. 8-Pin SOIC
Top View
Top View
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com