Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MA/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV641MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 2.7V, V− = 0V, V
O = VCM = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
94.5
105
2.7V
≤ V+ ≤ 10V, VCM = 0.5
92.5
PSRR
Power Supply Rejection Ratio
dB
94
100
2.7V
≤ V+ ≤ 12V, VCM = 0.5
92
Input Common-Mode Voltage
CMRR
≥ 80 dB
CMVR
0
1.8
V
Range
CMRR
≥ 68 dB
0.3V
≤ VO ≤ 2.4V, RL = 2 kΩ to V
+/2
82
88
0.4V
≤ VO ≤ 2.3V, RL = 2 kΩ to V
+/2
78
AVOL
Large Signal Voltage Gain
dB
0.3V
≤ VO ≤ 2.4V, RL = 10 kΩ to V
+/2
86
98
0.4V
≤ VO ≤ 2.3V, RL = 10 kΩ to V
+/2
82
42
58
RL = 2 kΩ to V
+/2, V
IN = 100 mV
68
Output Swing High
22
35
RL = 10 kΩ to V
+/2, V
IN = 100 mV
40
mV from
VO
rail
38
48
RL = 2 kΩ to V
+/2, V
IN = 100 mV
58
Output Swing Low
18
30
RL = 10 kΩ to V
+/2, V
IN = 100 mV
35
VIN_DIFF = 100 mV to
Sourcing
22
Sourcing and Sinking Output
IOUT
mA
VO = V
+/2 (4)
Current
Sinking
25
138
170
IS
Supply Current
μA
220
AV = +1, VO = 1 VPP
Rising (10% to 90%)
2.3
SR
Slew Rate
V/
μs
Falling (90% to 10%)
1.6
GBW
Gain Bandwidth Product
10
MHz
en
Input-Referred Voltage Noise
f = 1 kHz
14
nV/
in
Input-Referred Current Noise
f = 1 kHz
0.15
pA/
THD
Total Harmonic Distortion
f = 1 kHz, AV = 2, RL = 2 kΩ
0.014
%
(4)
The part is not short circuit protected and is not recommended for operation with low resistive loads. Typical sourcing and sinking output
current curves are provided in the Typical Performance Characteristics and should be consulted before designing for heavy loads.
10V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 10V, V− = 0V,V
O = VCM = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
5
500
VOS
Input Offset Voltage
µV
750
TC VOS
Input Offset Average Drift
0.1
μV/°C
70
90
IB
Input Bias Current
(3)
nA
105
IOS
Input Offset Current
0.7
5
nA
94
120
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 9V
dB
90
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
Positive current corresponds to current flowing into the device.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com