Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MA/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV641MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
0
1
2
3
4
5
6
7
8
9
50
55
60
65
70
75
80
85
90
95
100
VCM (V)
-40°C
25°C
125°C
V
+
= +10V
V
-
= 0V
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
50
55
60
65
70
75
80
85
90
95
100
VCM (V)
V
+
= +2.7V
V
-
= 0V
125°C
25°C
-40°C
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
V
+
= 5V
V
-
= 5V
RL = 1 k:
130
10
1k
100k
10M
FREQUENCY (Hz)
-10
30
70
1M
10k
100
110
80
50
10
+PSRR
V
+
= +5V
V
-
= -5V
+PSRR
V
+
= +1.35V
V
-
= -1.35V
-PSRR
V
+
= +1.35V
V
-
= -1.35V
-PSRR
V
+
= +5V
V
-
= -5V
-400 -300 -200 -100
0
100 200 300 400
0
20
OFFSET VOLTAGE (PV)
2
4
6
8
10
12
14
16
18
V
+
= +1.35V
V
-
= -1.35V
VCM = 0V
TA = 25°C
UNITS TESTED = 12,000
-400 -300 -200 -100
0
100 200 300 400
0
20
OFFSET VOLTAGE (PV)
2
4
6
8
10
12
14
16
18
V
+
= +5V
V
-
= -5V
VCM = 0V
TA = 25°C
UNITS TESTED = 12,000
LMV641
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 10V, V− = 0V, V
CM = VS/2.
Offset Voltage Distribution
Offset Voltage Distribution
Figure 11.
Figure 12.
CMRR
PSRR
vs.
vs.
Frequency
Frequency
Figure 13.
Figure 14.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 15.
Figure 16.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com