Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080 Datasheet(HTML) 4 Page - Texas Instruments

  TLC080 Datasheet HTML 1Page - Texas Instruments TLC080 Datasheet HTML 2Page - Texas Instruments TLC080 Datasheet HTML 3Page - Texas Instruments TLC080 Datasheet HTML 4Page - Texas Instruments TLC080 Datasheet HTML 5Page - Texas Instruments TLC080 Datasheet HTML 6Page - Texas Instruments TLC080 Datasheet HTML 7Page - Texas Instruments TLC080 Datasheet HTML 8Page - Texas Instruments TLC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage, VDD
(2)
17
V
Differential input voltage range, VID
±VDD
Continuous total power dissipation
See Dissipation Rating Table
C suffix
0 to 70
°C
Operating free-air temperature range, TA:
I suffix
−40 to 125
°C
Maximum junction temperature, TJ
150
°C
Storage temperature range, Tstg
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND .
DISSIPATION RATING TABLE
θJC
θJA
TA ≤ 25°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
D (8)
38.3
176
710 mW
D (14)
26.9
122.3
1022 mW
D (16)
25.7
114.7
1090 mW
DGN (8)
4.7
52.7
2.37 W
DGQ (10)
4.7
52.3
2.39 W
N (14, 16)
32
78
1600 mW
P (8)
41
104
1200 mW
PWP (20)
1.40
26.1
4.79 W
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Single supply
4.5
16
Supply voltage, VDD
V
Split supply
±2.25
±8
Common-mode input voltage, VICR
GND
VDD–2
V
VIH
2
Shutdown on/off voltage level(1)
V
VIL
0.8
C-suffix
0
70
Operating free-air temperature, TA
°C
I-suffix
–40
125
(1)
Relative to the voltage on the GND terminal of the device.
4
Submit Documentation Feedback
Copyright
© 1999–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com