Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC080 Datasheet HTML 11Page - Texas Instruments TLC080 Datasheet HTML 12Page - Texas Instruments TLC080 Datasheet HTML 13Page - Texas Instruments TLC080 Datasheet HTML 14Page - Texas Instruments TLC080 Datasheet HTML 15Page - Texas Instruments TLC080 Datasheet HTML 16Page - Texas Instruments TLC080 Datasheet HTML 17Page - Texas Instruments TLC080 Datasheet HTML 18Page - Texas Instruments TLC080 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
60
70
80
-2
-4
2
6
t – Time – ms
0
-6
4
Shutdown Pulse
SD Off
VDD = 5 V
CL= 8 pF
TA = 25°C
IDD RL = 600 Ω
IDD RL = 10 kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
60
70
80
-2
-4
2
6
t – Time – ms
0
-6
4
Shutdown Pulse
SD Off
VDD = 12 V
CL= 8 pF
TA = 25°C
IDD RL = 600 Ω
IDD RL = 10 kΩ
_
+
Rnull
RL
CL
Figure 45
N1
100 k
Ω
N2
R1
VDD
OUT
IN
IN +
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
SHUTDOWN PULSE
SHUTDOWN PULSE
Figure 43.
Figure 44.
PARAMETER MEASUREMENT INFORMATION
Figure 45.
APPLICATION INFORMATION
Input Offset Voltage Null Circuit
The TLC080 and TLC081 has an input offset nulling function. Refer to Figure 46 for the diagram.
A.
R1 = 5.6 k
Ω for offset voltage adjustment of ±10 mV. R1 = 20 kΩ for offset voltage adjustment of ±3 mV.
Figure 46. Input Offset Voltage Null Circuit
Copyright
© 1999–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com