Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC080 Datasheet HTML 2Page - Texas Instruments TLC080 Datasheet HTML 3Page - Texas Instruments TLC080 Datasheet HTML 4Page - Texas Instruments TLC080 Datasheet HTML 5Page - Texas Instruments TLC080 Datasheet HTML 6Page - Texas Instruments TLC080 Datasheet HTML 7Page - Texas Instruments TLC080 Datasheet HTML 8Page - Texas Instruments TLC080 Datasheet HTML 9Page - Texas Instruments TLC080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
25
°C
1.8
2.5
IDD
Supply current (per channel)
VO = 2.5 V,
No load
mA
Full range
3.5
Supply current in shutdown
25
°C
125
200
IDD(SHDN) mode (per channel) (TLC080, SHDN ≤ 0.8 V
µA
Full range
250
TLC083, TLC085)
OPERATING CHARACTERISTICS
at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
VO(PP) = 0.8 V,
CL = 50 pF,
25
°C
10
16
Positive slew rate at unity
SR+
V/
µs
gain
RL = 10 kΩ
Full range
9.5
VO(PP) = 0.8 V,
CL = 50 pF,
25
°C
12.5
19
Negative slew rate at unity
SR
–
V/
µs
gain
RL = 10 kΩ
Full range
10
f = 100 Hz
25
°C
12
Equivalent input noise
Vn
nV/
√Hz
voltage
f = 1 kHz
25
°C
8.5
Equivalent input noise
In
f = 1 kHz
25
°C
0.6
fA /
√Hz
current
VO(PP) = 3 V,
AV = 1
0.002
Total harmonic distortion
THD + N
RL = 10 kΩ and 250 Ω,
AV = 10
25
°C
0.012
%
plus noise
f = 1 kHz
AV = 100
0.085
t(on)
Amplifier turnon time(2)
25
°C
0.15
µs
RL = 10 kΩ
t(off)
Amplifier turnoff time(2)
25
°C
1.3
µs
Gain-bandwidth product
f = 10 kHz,
RL = 10 kΩ
25
°C
10
MHz
V(STEP)PP = 1 V,
0.1%
0.18
AV = −1,
CL = 10 pF,
0.01%
0.39
RL = 10 kΩ
ts
Settling time
25
°C
µs
V(STEP)PP = 1 V,
0.1%
0.18
AV = –1,
CL = 47 pF,
0.01%
0.39
RL = 10 kΩ
RL = 10 kΩ,
CL = 50 pF
32
φm
Phase margin
25
°C
°
RL = 10 kΩ,
CL = 0 pF
40
RL = 10 kΩ,
CL = 50 pF
2.2
Gain margin
25
°C
dB
RL = 10 kΩ,
CL = 0 pF
3.3
(1)
Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
(2)
Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the
supply current has reached half its final value.
6
Submit Documentation Feedback
Copyright
© 1999–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com