Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC080 Datasheet HTML 8Page - Texas Instruments TLC080 Datasheet HTML 9Page - Texas Instruments TLC080 Datasheet HTML 10Page - Texas Instruments TLC080 Datasheet HTML 11Page - Texas Instruments TLC080 Datasheet HTML 12Page - Texas Instruments TLC080 Datasheet HTML 13Page - Texas Instruments TLC080 Datasheet HTML 14Page - Texas Instruments TLC080 Datasheet HTML 15Page - Texas Instruments TLC080 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
0
1k
10k
20
50
1M
10M
f – Frequency – Hz
Gain
80
70
60
40
30
10
100k
-10
-20
100M
-180
-135
0
-45
-90
-225
Phase
VDD = ±2.5 V
RL = 10 kΩ
CL = 0 pF
TA = 25°C
0
1k
10k
20
50
1M
10M
f – Frequency – Hz
Gain
80
70
60
40
30
10
100k
-10
-20
100M
-180
-135
0
-45
-90
-225
Phase
VDD = ±6 V
RL = 10 kΩ
CL = 0 pF TA
= 25°C
10°
10
20°
35°
CL – Load Capacitance – pF
30°
25°
15°
100
5°
0°
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 5 V
RL = 10 kΩ
TA = 25°C
40°
10°
10
20°
35°
CL – Load Capacitance – pF
30°
25°
15°
100
5°
0°
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 12 V
RL = 10 kΩ
TA = 25°C
40°
45°
1
10
2
4
CL – Load Capacitance – pF
3.5
2.5
1.5
100
0.5
0
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 5 V
RL = 10 kΩ
TA = 25°C
3
9.0
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
4
5
6
7
8
9 10 11 12 13 14 15 16
CL = 11 pF
TA = 25°C
VDD – Supply Voltage – V
RL = 10 kΩ
RL = 600 Ω
12
13
14
15
16
17
18
19
20
21
22
4
5
6
7
8
9 10 11 12 13 14 15 16
VDD – Supply Voltage – V
RL = 600 Ω and 10 kΩ
CL = 50 pF
AV = 1
Slew Rate +
Slew Rate
1
10
2
3.5
CL – Load Capacitance – pF
3
2.5
1.5
100
0.5
0
Rnull = 0 Ω
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
VDD = 12 V
RL = 10 kΩ
TA = 25°C
4
4.5
5
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
DIFFERENTIAL VOLTAGE GAIN AND
DIFFERENTIAL VOLTAGE GAIN AND
PHASE
PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
PHASE MARGIN
PHASE MARGIN
GAIN MARGIN
vs
vs
vs
LOAD CAPACITANCE
LOAD CAPACITANCE
LOAD CAPACITANCE
Figure 19.
Figure 20.
Figure 21.
GAIN MARGIN
GAIN BANDWIDTH PRODUCT
SLEW RATE
vs
vs
vs
LOAD CAPACITANCE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 22.
Figure 23.
Figure 24.
12
Submit Documentation Feedback
Copyright
© 1999–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com