Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC080
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC080 Datasheet HTML 10Page - Texas Instruments TLC080 Datasheet HTML 11Page - Texas Instruments TLC080 Datasheet HTML 12Page - Texas Instruments TLC080 Datasheet HTML 13Page - Texas Instruments TLC080 Datasheet HTML 14Page - Texas Instruments TLC080 Datasheet HTML 15Page - Texas Instruments TLC080 Datasheet HTML 16Page - Texas Instruments TLC080 Datasheet HTML 17Page - Texas Instruments TLC080 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
t – Time – ms
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
VI (2 V/div)
VO (500 mV/Div)
VDD = 5 V
RL = 600 Ω
and 10 kΩ
CL = 8 pF
TA = 25°C
t – Time – ms
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
VI (5 V/div)
VO (2 V/Div)
VDD = 12 V
RL = 600 Ω
and 10 kΩ
CL = 8 pF
TA = 25°C
t – Time – ms
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
VI (100 mV/div)
VO (50 mV/Div)
VDD = 5 V and 12 V
RL = 600 Ω and 10 kΩ
CL = 8 pF
TA = 25°C
20
40
60
80
100
120
140
f – Frequency – Hz
100k
1M
10M
10k
100
1k
100M
VDD = 12 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 8, 12 V
RL = 600 Ω
RL = 10 kΩ
20
40
60
80
100
120
140
f – Frequency – Hz
100k
1M
10M
10k
100
1k
100M
RL = 600 Ω
RL = 10 kΩ
VDD = 5 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 2.5, and 5 V
20
40
60
80
100
120
140
f – Frequency – Hz
100k
1M
10M
10k
100
1k
100M
VDD = 5 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 2.5, and 5 V
RL = 600 Ω
RL = 10 kΩ
118
120
122
124
126
128
130
132
134
136
4
5
6
7
8
9 10 11 12 13 14 15 16
VDD – Supply Voltage – V
Shutdown On
RL = open
VIN = VDD/2
60
80
100
120
140
160
180
–55
–25
5
3
5
65
95
125
TA – Free-Air Temperature –°C
VDD = 12 V
AV = 1
VIN = VDD/2
VDD = 5 V
20
40
60
80
100
120
140
f – Frequency – Hz
100k
1M
10M
10k
100
1k
100M
VDD = 12 V
CL= 0 pF
TA = 25°C
VI(PP) = 0.1, 8, 12 V
RL = 600 Ω
RL = 10 kΩ
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
LARGE SIGNAL INVERTING
LARGE SIGNAL INVERTING
SMALL SIGNAL INVERTING
PULSE RESPONSE
PULSE RESPONSE
PULSE RESPONSE
Figure 34.
Figure 35.
Figure 36.
SHUTDOWN FORWARD
SHUTDOWN FORWARD
SHUTDOWN REVERSE
ISOLATION
ISOLATION
ISOLATION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 37.
Figure 38.
Figure 39.
SHUTDOWN REVERSE
ISOLATION
SHUTDOWN SUPPLY CURRENT
SHUTDOWN SUPPLY CURRENT
vs
vs
vs
FREQUENCY
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 40.
Figure 41.
Figure 42.
14
Submit Documentation Feedback
Copyright
© 1999–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com