Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 29Page - Texas Instruments LP3906 Datasheet HTML 30Page - Texas Instruments LP3906 Datasheet HTML 31Page - Texas Instruments LP3906 Datasheet HTML 32Page - Texas Instruments LP3906 Datasheet HTML 33Page - Texas Instruments LP3906 Datasheet HTML 34Page - Texas Instruments LP3906 Datasheet HTML 35Page - Texas Instruments LP3906 Datasheet HTML 36Page - Texas Instruments LP3906 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
2 MHz
Time
Spread Spectrum
frequency
10 kHz triangle
wave
Peak frequency deviation
2 kHz triangle
wave
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
BUCK 2 RAMP CONTROL REGISTER (B2RC) - 0x2B
This register allows the user to program the rate of change between the target voltages of Buck 2
D7
D6-4
D3-0
Name
- - - -
- - - -
B2RS
Access
- - - -
- - - -
R/W
Data
Reserved
Reserved
Data Code
Ramp Rate mV/us
4h'0
Instant
4h'1
1
4h'2
2
4h'3
3
4h'4
4
4h'5
5
4h'6
6
4h'7
7
4h'8
8
4h'9
9
4h'A
10
4h'B - 4h'F
10
Reset
0
010
1000
BUCK FUNCTION REGISTER (BFCR) – 0x38
This register allows the Buck switcher clock frequency to be spread across a wider range, allowing for less
Electro-magnetic Interference (EMI). The spread spectrum modulation frequency refers to the rate at which the
frequency ramps up and down, centered at 2 MHz.
D7-2
D1
D0
Name
—
BK_SLOMOD
BK_SSEN
Access
—
R/W
R/W
Data
Reserved
Buck Spread Spectrum Modulation
Spread Spectrum Function Output
0 – 10 kHz triangular wave
0 – Disabled
1 – 2 kHz triangular wave
1 – Enabled
Reset
000010
1
0
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com