Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 1 Page - Texas Instruments

  LP3906 Datasheet HTML 1Page - Texas Instruments LP3906 Datasheet HTML 2Page - Texas Instruments LP3906 Datasheet HTML 3Page - Texas Instruments LP3906 Datasheet HTML 4Page - Texas Instruments LP3906 Datasheet HTML 5Page - Texas Instruments LP3906 Datasheet HTML 6Page - Texas Instruments LP3906 Datasheet HTML 7Page - Texas Instruments LP3906 Datasheet HTML 8Page - Texas Instruments LP3906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
VINLDO12
SYNC
VIN1
SW1
FB1
GND_SW1
VIN2
SW2
2.2 PH
2.2 PH
10 PF
10 PF
1 PF
10 PF
FB2
GND_SW2
AVDD
10 PF
1 PF
0.47 PF
1 PF
1 PF
0.47 PF
GND_C
GND_L
SCL
SDA
LDO2
LDO1
VINLDO2
VINLDO1
ENSW2
ENSW1
ENLDO2
ENLDO1
EN_T
LP3906
DAP
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible
Interface
Check for Samples: LP3906
1
FEATURES
KEY SPECIFICATIONS
2
•
Compatible with Advanced Applications
•
DC/DC Converter (Buck)
Processors and FPGAs
–
1.5A Output Current
•
2 LDOs for Powering Internal Processor
–
Programmable VOUT from:
Functions and I/Os
–
Buck1 : 0.8V–2.0V
•
High Speed Serial Interface for Independent
–
Buck2 : 1.0V–3.5V
Control of Device Functions and Settings
–
Up to 96% Efficiency
•
Precision Internal Reference
–
2 MHz PWM Switching Frequency
•
Thermal Overload Protection
–
±3% Output Voltage Accuracy
•
Current Overload Protection
–
Automatic Soft Start
•
24-lead 5 × 4 × 0.8 mm WQFN Package
•
Linear Regulators (LDO)
•
Software Programmable Regulators
–
Programmable VOUT of 1.0V–3.5V
–
±3% Output Voltage Accuracy
APPLICATIONS
–
300 mA Output Currents
•
FPGA, DSP Core Power
–
25 mW (Typ) Dropout
•
Applications Processors
•
Peripheral I/O Power
DESCRIPTION
The LP3906 is a multi-function, programmable Power
Management Unit, optimized for low power FPGAs,
Microprocessors and DSPs.
Typical Application Circuits
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3906 TI-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3906SQ-DJXI TI-LP3906SQ-DJXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP3906SQ-FXPI TI-LP3906SQ-FXPI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results

Similar Description - LP3906

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Texas Instruments
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com