Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 13Page - Texas Instruments LP3906 Datasheet HTML 14Page - Texas Instruments LP3906 Datasheet HTML 15Page - Texas Instruments LP3906 Datasheet HTML 16Page - Texas Instruments LP3906 Datasheet HTML 17Page - Texas Instruments LP3906 Datasheet HTML 18Page - Texas Instruments LP3906 Datasheet HTML 19Page - Texas Instruments LP3906 Datasheet HTML 20Page - Texas Instruments LP3906 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
0
0.5
1.0
1.5
LOAD CURRENT (A)
3.0
3.5
4.0
4.5
5.0
5.5
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
Figure 32. LP3906 Buck Converter
VIN vs ILOAD Operating Ranges
Thermal Performance of the WQFN Package
The LP3906 is a monolithic device with integrated power FETs. For that reason, it is important to pay special
attention to the thermal impedance of the WQFN package and to the PCB layout rules in order to maximize
power dissipation of the WQFN package.
The WQFN package is designed for enhanced thermal performance and features an exposed die attach pad at
the bottom center of the package that creates a direct path to the PCB for maximum power dissipation.
Compared to the traditional leaded packages where the die attach pad is embedded inside the molding
compound, the WQFN reduces one layer in the thermal path.
The thermal advantage of the WQFN package is fully realized only when the exposed die attach pad is soldered
down to a thermal land on the PCB board with thermal vias planted underneath the thermal land. Based on
thermal analysis of the WQFN package, the junction-to-ambient thermal resistance (
θJA) can be improved by a
factor of two when the die attach pad of the WQFN package is soldered directly onto the PCB with thermal land
and thermal vias, as opposed to an alternative with no direct soldering to a thermal land. Typical pitch and outer
diameter for thermal vias are 1.27mm and 0.33mm respectively. Typical copper via barrel plating is 1oz, although
thicker copper may be used to further improve thermal performance. The LP3906 die attach pad is connected to
the substrate of the IC and therefore, the thermal land and vias on the PCB board need to be connected to
ground (GND pin).
For more information on board layout techniques, refer to Application Note AN–1187 (Literature Number
SNOA401) “Leadless Lead frame Package (WQFN).” This application note also discusses package handling,
solder stencil and the assembly process.
DC/DC Converters
OVERVIEW
The LP3906 supplies the various power needs of the application by means of two Linear Low Drop Regulators
LDO1 and LDO2 and two Buck converters SW1 and SW2. The table here under lists the output characteristics of
the various regulators.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com