Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 4 Page - Texas Instruments

  LP3906 Datasheet HTML 1Page - Texas Instruments LP3906 Datasheet HTML 2Page - Texas Instruments LP3906 Datasheet HTML 3Page - Texas Instruments LP3906 Datasheet HTML 4Page - Texas Instruments LP3906 Datasheet HTML 5Page - Texas Instruments LP3906 Datasheet HTML 6Page - Texas Instruments LP3906 Datasheet HTML 7Page - Texas Instruments LP3906 Datasheet HTML 8Page - Texas Instruments LP3906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 3. 24-Lead WQFN Package (Top View)
See Package Number NHZ0024B
Table 1. Default Voltage Options(1)(2)
Part Number
Package
Buck1
Buck2
LDO1
LDO2
Marking
LP3906SQ-DJXI/NOPB
06-DJXI
0.9V
1.8V
3.3V
1.8V
LP3906SQ-FXPI/NOPB
06-FXPI
1.0V
3.3V
2.5V
1.8V
LP3906SQ-JXXI/NOPB
06-JXXI
1.2V
3.3V
3.3V
1.8V
LP3906SQ-PPXP/NOPB
06-PPXP
1.5V
2.5V
3.3V
2.5V
LP3906SQ-TKXII/NOPB(3)
06-TKXII(3)
1.25V
3.3V
1.8V
1.8V
LP3906SQ-VPFP/NOPB
06-VPFP
1.8V
2.5V
1.5V
2.5V
LP3906SQE-PPXP/NOPB
06-PPXP
1.5V
2.5V
3.3V
2.5V
LP3906SQE-VPFP/NOPB
06-VPFP
1.8V
2.5V
1.5V
2.5V
LP3906SQX-DJXI/NOPB
06-DJXI
0.9V
1.8V
3.3V
1.8V
LP3906SQX-FXPI/NOPB
06-FXPI
1.0V
3.3V
2.5V
1.8V
LP3906SQX-JXXI/NOPB
06-JXXI
1.2V
3.3V
3.3V
1.8V
LP3906SQX-PPXP/NOPB
06-PPXP
1.5V
2.5V
3.3V
2.5V
LP3906SQX-TKXII/NOPB(3)
06-TKXII(3)
1.25V
3.3V
1.8V
1.8V
LP3906SQX-VPFP/NOPB
06-VPFP
1.8V
2.5V
1.5V
2.5V
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Option only available with default EN_T of 001; all other options use 010.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com