Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3906 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3906 Datasheet HTML 9Page - Texas Instruments LP3906 Datasheet HTML 10Page - Texas Instruments LP3906 Datasheet HTML 11Page - Texas Instruments LP3906 Datasheet HTML 12Page - Texas Instruments LP3906 Datasheet HTML 13Page - Texas Instruments LP3906 Datasheet HTML 14Page - Texas Instruments LP3906 Datasheet HTML 15Page - Texas Instruments LP3906 Datasheet HTML 16Page - Texas Instruments LP3906 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OUTPUT CURRENT (mA)
40
50
60
70
80
90
100
VIN = 5.5V
VIN = 4.3V
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OUTPUT CURRENT (mA)
40
50
60
70
80
90
100
VIN = 5.5V
VIN = 4.3V
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OUTPUT CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
VIN = 5.5V
VIN = 4.3V
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OUTPUT CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
VIN = 5.5V
VIN = 4.3V
10
-3 10-2 10-1 100 101 102 103 104
OUTPUT CURRENT (mA)
30
40
50
60
70
80
90
100
VIN = 5.5V
VIN = 3.6V
VIN = 2.8V
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OUTPUT CURRENT (mA)
30
40
50
60
70
80
90
100
VIN = 2.8V
VIN = 5.5V
VIN = 3.6V
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS — BUCK (continued)
TA = 25°C unless otherwise noted
Buck 1 Efficiency
Buck 1 Efficiency
vs
vs
Output Current
Output Current
(PFM to PWM mode, Vout =1.2V, L= 2.2µH)
(PFM to PWM mode, Vout =2.0V, L= 2.2µH)
Figure 18.
Figure 19.
Buck 2 Efficiency
Buck 2 Efficiency
vs
vs
Output Current
Output Current
(Forced PWM Mode, Vout =1.8V, L= 2.2µH)
(Forced PWM Mode, Vout =3.3V, L= 2.2µH)
Figure 20.
Figure 21.
Buck 2 Efficiency
Buck 2 Efficiency
vs
vs
Output Current
Output Current
(PFM to PWM Mode, Vout =1.8V, L= 2.2µH)
(PFM to PWM Mode, Vout =3.3V, L= 2.2µH)
Figure 22.
Figure 23.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com