Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL220 Datasheet(PDF) 3 Page - Microchip Technology

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL220 Datasheet(HTML) 3 Page - Microchip Technology

  CL220 Datasheet HTML 1Page - Microchip Technology CL220 Datasheet HTML 2Page - Microchip Technology CL220 Datasheet HTML 3Page - Microchip Technology CL220 Datasheet HTML 4Page - Microchip Technology CL220 Datasheet HTML 5Page - Microchip Technology CL220 Datasheet HTML 6Page - Microchip Technology CL220 Datasheet HTML 7Page - Microchip Technology CL220 Datasheet HTML 8Page - Microchip Technology CL220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 2015 Microchip Technology Inc.
DS20005413A-page 3
CL220
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Operating voltage, VA-B.................................................................................................................................................................. 240V
Operating junction temperature, TJ.............................................................................................................................. -40°C to +125°C
Storage temperature, TS .............................................................................................................................................. -55°C to +150°C
Note 1: Obtained by Characterization; Not 100% tested in production.
Note 1: Obtained by Characterization; Not 100% tested in production.
2.0
PIN DESCRIPTION
The locations of the pins are shown in Package Type
and Packaging Information.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, for all specifications TJ = +25°C
Symbol
Parameter
Min
Typ
Max
Units Conditions
VA-B
Operating voltage
5.0
-
220
V
∆IA-B/∆TIA-B temperature coefficient
-
0.01
-
%/°C
VA-B= 45V, Tj= -40°C to
+100°C (Note 1)
RA-B
Dynamic resistance
-
300
-
kΩ
IAB
Output current
18
20
22
mA
VAB= 4.0 - 160V
18
-
25
VAB= 160 - 220V (Fig. 4)
--
22
VAB= 0 - 4.0V
IOS
Turn-on overshoot current
-
25
-
mA
VT= 45V (Fig. 5) (Note 1)
tOS
Overshoot duration
-
1
-
µs
VT= 45V (Fig. 5) (Note 1)
tDLY
Turn-on delay
-
10
-
µs
VT= 45V (Fig. 5) (Note 1)
tRISE
Turn-on rise time
-
200
-
ns
VT= 45V (Fig. 5) (Note 1)
TABLE 1-2:
THERMAL RESISTANCE, JUNCTION TO AMBIENT
Package
θja
Units
Conditions
Min
Typ
Max
TO-252 (D-PAK)
–
81
–
°C/W
Soldered to 2.0 cm2 copper area exposed to
free air (Note 1)
TO-220
–
29
–
°C/W
TABLE 2-1:
PIN DESCRIPTION
Pin # TO-252
Pin # TO-220
Function
Description
1
1
VA
Current flows into this pin
4
2, 4
VB
Current flows out of this pin
3
3
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com