Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL220 Datasheet(PDF) 9 Page - Microchip Technology

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL220 Datasheet(HTML) 9 Page - Microchip Technology

Back Button CL220 Datasheet HTML 5Page - Microchip Technology CL220 Datasheet HTML 6Page - Microchip Technology CL220 Datasheet HTML 7Page - Microchip Technology CL220 Datasheet HTML 8Page - Microchip Technology CL220 Datasheet HTML 9Page - Microchip Technology CL220 Datasheet HTML 10Page - Microchip Technology CL220 Datasheet HTML 11Page - Microchip Technology CL220 Datasheet HTML 12Page - Microchip Technology CL220 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
 2015 Microchip Technology Inc.
DS20005413A-page 9
CL220
3-Lead TO-220 Package Outline (N5)
Symbol
A
A1
A2
b
b2
c
D
D1
D2
E
E1
E2
e
H1
L
L1
Q
P
Dimen-
sion
(inches)
MIN
.140 .020
.080
.015 .045 .012† .560 .326† .474† .380 .270 0.20*
.100
BSC
.230 .500 .200* .100 .139
NOM
-
-
-
.027 .057
-
-
-
-
-
-
-
-
-
-
-
-
MAX .190 .055 .120† .040 .070
.024
.650 .361† .507 .420 .350
.030
.270 .580
.250
.135 .161
JEDEC Registration TO-220, Variation AB, Issue K, April 2002.
Drawings not to scale.
L
A2
A
e
View
B
12
3
D
D1
Q
4
E2
E
Φ
P
Seating
Plane
A1
A
A
Chamfer
Optional
H1
E
D2
Thermal
Pad
Front View
Side View
View A - A
L1
b
b2
1
2
3
E1
View B
c
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com