Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL220 Datasheet(PDF) 2 Page - Microchip Technology

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL220 Datasheet(HTML) 2 Page - Microchip Technology

  CL220 Datasheet HTML 1Page - Microchip Technology CL220 Datasheet HTML 2Page - Microchip Technology CL220 Datasheet HTML 3Page - Microchip Technology CL220 Datasheet HTML 4Page - Microchip Technology CL220 Datasheet HTML 5Page - Microchip Technology CL220 Datasheet HTML 6Page - Microchip Technology CL220 Datasheet HTML 7Page - Microchip Technology CL220 Datasheet HTML 8Page - Microchip Technology CL220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CL220
DS20005413A-page 2
 2015 Microchip Technology Inc.
Package Type
Typical Application Circuit
Functional Circuit Diagram
Equivalent Block Diagram
TO-252 (D-PAK)
See Table 2-1 for pin information
VA
NC
VB
VA
NC
VB
VB
TO-220
VA
VB
Up to 220V
+ V
LED(TOTAL)
VA
VB
Functional
Circuit Diagram
CL220
I
LED
20mA
Control Circuit
and Temperature
Compensation
10nF
+
V
LED(TOTAL)
–
VA
VB
Control Circuit
and Temperature
Compensation
20mA
VA
VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com