Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL220 Datasheet(PDF) 5 Page - Microchip Technology

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL220 Datasheet(HTML) 5 Page - Microchip Technology

  CL220 Datasheet HTML 1Page - Microchip Technology CL220 Datasheet HTML 2Page - Microchip Technology CL220 Datasheet HTML 3Page - Microchip Technology CL220 Datasheet HTML 4Page - Microchip Technology CL220 Datasheet HTML 5Page - Microchip Technology CL220 Datasheet HTML 6Page - Microchip Technology CL220 Datasheet HTML 7Page - Microchip Technology CL220 Datasheet HTML 8Page - Microchip Technology CL220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 2015 Microchip Technology Inc.
DS20005413A-page 5
CL220
FIGURE 3-3:
Timing Diagram
FIGURE 3-4:
Timing Test Circuit
FIGURE 3-5:
CL220 for Multiple LED Strings
t
DLY
t
RISE
10%
90%
I
A-B
0mA
I
OS
100%
Inrush spike due to charging
of parasitic capacitances
and dV/dt C
DG feed-thru
Turn-on overshoot due to
start-up characteristics
of internal circuitry
V
T
V
A-B
0V
t
OS
CL220
V
T
1.0µF film
I
A-B
I
LED
20mA
VB
VA
Up to 220V
+V
LED(TOTAL)
VB
VA
VB
VA
VB
VA
10nF
I
LED
20mA
I
LED
20mA
I
LED
20mA
+
V
LED(TOTAL)
–
CL220
CL220
CL220
CL220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com