Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL220 Datasheet(PDF) 1 Page - Microchip Technology

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL220 Datasheet(HTML) 1 Page - Microchip Technology

  CL220 Datasheet HTML 1Page - Microchip Technology CL220 Datasheet HTML 2Page - Microchip Technology CL220 Datasheet HTML 3Page - Microchip Technology CL220 Datasheet HTML 4Page - Microchip Technology CL220 Datasheet HTML 5Page - Microchip Technology CL220 Datasheet HTML 6Page - Microchip Technology CL220 Datasheet HTML 7Page - Microchip Technology CL220 Datasheet HTML 8Page - Microchip Technology CL220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 2015 Microchip Technology Inc.
DS20005413A-page 1
CL220
Features
• 5.0 to 220V operating range (VA-B)
• 20mA ±10% at 5.0 - 160V
• 0.01% / °C typical temperature coefficient
• Packages Types:
- TO-252 (D-PAK)
-TO-220
• Can be paralleled for higher current
Applications
• Industrial lamp indicators
• Signage
• Accent lighting
• Constant current source
• Constant current sink
Description
CL220 is a high voltage, temperature-compensated,
20mA constant current regulator. The device operates
at up to 220V, and is accurate to ±10% over a 5 - 160V
range. The device can be used as a two-terminal, con-
stant-current source or a constant-current sink.
A typical application for CL220 is to drive LEDs with a
constant current of 20mA. Multiple CL220s can also be
used in parallel to provide higher currents such as
40mA, 60mA, 80mA, and so on. The device is available
in the TO-252 (D-PAK) and TO-220 packages.
Simple, 220V, 20mA, Temperature-Compensated,
Constant-Current, LED Driver IC


Similar Part No. - CL220

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL220K4-G SUTEX-CL220K4-G Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL220N5-G SUTEX-CL220N5-G Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
More results

Similar Description - CL220

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com