Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954TL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954TL/NOPB Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP3954TL/NOPB Datasheet HTML 42Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 43Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 44Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 45Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 46Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 47Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 48Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 49Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Adjustment
wled1_4[7:0]
Typical driver current (ma)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
wled1_4[7:0]
Bits 7-0
0000 0011
0.3
0000 0100
0.4
…
…
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
WLED5-6 (0AH) – WLED5, WLED6 BRIGHTNESS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
wled5_5[7:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
Adjustment
wled5_6[7:0]
Typical driver current (ma)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
wled5_6[7:0]
Bits 7-0
0000 0011
0.3
0000 0100
0.4
…
…
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
ENABLES (0BH) – ENABLES REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
pwm_sync
nstby
en_boost
en_autoload
rgb_sel[1:0]
rw-0
rw-0
rw-0
r-0
r-0
rw-1
rw-0
rw-0
0 – synchronization to external clock disabled
pwm_sync
Bit 7
1 – synchronization to external clock enabled
0 – LP3954 standby mode
nstby
Bit 6
1 – LP3954 active mode
0 – boost converter disabled
en_boost
Bit 5
1 – boost converter enabled
0 – internal boost converter active load off
en_autoload
Bit 2
1 – internal boost converter active load on
Color LED control mode selection
rgb_sel[1:0]
Audio sync connected
Pattern generator
to
connected to
00
none
RGB1 & RGB2
rgb_sel[1:0]
Bits 1-0
01
RGB1
RGB2
10
RGB2
RGB1
11
RGB1 & RGB2
none
46
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com