Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954TL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954TL/NOPB Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP3954TL/NOPB Datasheet HTML 44Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 45Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 46Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 47Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 48Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 49Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 50Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 51Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Current control for high current flash driver
hc[1:0]
current
00
0.25×IMAX(FLASH)
hc[1:0]
Bits 2-1
01
0.50×IMAX(FLASH)
10
0.75×IMAX(FLASH)
11
1.00×IMAX(FLASH)
0 – high current flash driver disabled
en_hcflash
Bit 0
1 – high current flash driver enabled
PATTERN_GEN_CTRL (11H) – PATTERN GENERATOR CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
rgb_start
loop
log
r-0
r-0
r-0
r-0
r-0
rw-0
rw-0
rw-0
0 – Pattern generator disabled
rgb_start
Bit 2
1 – execution pattern starting from command 1
0 – pattern generator loop disabled (single patter)
loop
Bit 1
1 – pattern generator loop enabled (execute until stopped)
0 – color intensity mode 0
log
Bit 0
1 – color intensity mode 1
RGB1_MAX_CURRENT (12H) – RGB1 DRIVER INDIVIDUAL MAXIMUM CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
ir1[1:0]
ig1[1:0]
ib1[1:0]
r-0
r-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
Maximum current for R1 driver
ir1[2:0]
Maximum output current
00
0.25×IMAX
ir1[1:0]
Bits 5-4
01
0.50×IMAX
10
0.75×IMAX
11
1.00×IMAX
1aximum current for G1 driver
ig2[1:0]
Maximum output current
00
0.25×IMAX
ig1[1:0]
Bits 3-2
01
0.50×IMAX
10
0.75×IMAX
11
1.00×IMAX
Maximum current for B1 driver
ib1[1:0]
Maximum output current
00
0.25×IMAX
ib1[1:0]
Bits 1-0
01
0.50×IMAX
10
0.75×IMAX
11
1.00×IMAX
RGB2_MAX_CURRENT (13H) – RGB2 DRIVER INDIVIDUAL MAXIMUM CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
ir2[1:0]
ig2[1:0]
ib2[1:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
48
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com