Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954TL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954TL/NOPB Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP3954TL/NOPB Datasheet HTML 43Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 44Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 45Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 46Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 47Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 48Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 49Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 50Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
ADC_OUTPUT (0CH) – ADC DATA REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
data[7:0]
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
data[7:0]
Bits 7-0
Data register ADC (Audio input, light or temperature sensors)
BOOST_OUTPUT (0DH) – BOOST OUTPUT VOLTAGE CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
Boost[7:0]
rw-0
rw-0
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
Adjustment
Boost[7:0]
Typical boost output (V)
0000 0000
4.00
0000 0001
4.25
0000 0011
4.40
Boost[7:0]
Bits 7-0
0000 0111
4.55
0000 1111
4.70
0001 1111
4.85
0011 1111
5.00 (default)
0111 1111
5.15
1111 1111
5.30
BOOST_FRQ (0EH) – BOOST FREQUENCY CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
freq_sel[2:0]
r-0
r-0
r-0
r-0
r-0
rw-1
rw-1
rw-1
Adjustment
freq_sel[2:0]
Frequency
freq_sel[2:0]
Bits 7-0
1xx
2.00 MHz
01x
1.67 MHz
00x
1.00 MHz
HC_FLASH (10H) – HIGH CURRENT FLASH DRIVER CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
hc_pwm
fl_t[1:0]
hc[1:0]
en_hcflash
r-0
r-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
0 – PWM for high current flash driver disabled
hc_pwm
Bit 5
1 – PWM for high current flash driver enabled
Flash duration for high current driver
fl_t[1:0]
Typical flash duration
00
200 ms
fl_t[1:0]
Bits 4-3
01
400 ms
10
600 ms
11
According EN_FLASH pin on duration
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com