Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954TL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954TL/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP3954TL/NOPB Datasheet HTML 45Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 46Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 47Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 48Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 49Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 50Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 51Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 52Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Maximum current for R2 driver
ir2[2:0]
Maximum output current
00
0.25×IMAX
ir2[1:0]
Bits 5-4
01
0.50×IMAX
10
0.75×IMAX
11
1.00×IMAX
Maximum current for G2 driver
ig2[1:0]
Maximum output current
00
0.25×IMAX
ig2[1:0]
Bits 3-2
01
0.50×IMAX
10
0.75×IMAX
11
1.00×IMAX
Maximum current for B2 driver
ib2[1:0]
Maximum output current
00
0.25×IMAX
ib2[1:0]
Bits 1-0
01
0.50×IMAX
10
0.75×IMAX
11
1.00×IMAX
AUDIO_SYNC_CTRL1 (2AH) – AUDIO SYNCHRONIZATION AND ADC CONTROL REGISTER 1
D7
D6
D5
D4
D3
D2
D1
D0
gain_sel[2:0]
sync_mode
en_agc
en_sync
input_sel[1:0]
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-1
rw-1
Input signal gain control
gain_sel[2:0]
gain, db
000
0 (default)
001
3
010
6
gain_sel[2:0]
Bits 7-5
011
9
100
12
101
15
110
18
111
21
Input filter mode control
sync_mode
Bit 4
0 – Amplitude mode
1 – Frequency mode
0 – automatic gain control disabled
en_agc
Bit 3
1 – automatic gain control enabled
0 – audio synchronization disabled
en_sync
Bit 2
1 – audio synchronization enabled
ADC input selector
input_sel[1:0]
Input
00
Single ended input signal (ASE)
input_sel[1:0]
Bits 1-0
01
Temperature measurement
10
Ambient light measurement
11
No input (default)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com