Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3954TL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3954TL/NOPB Datasheet HTML 9Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 10Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 11Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 12Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 13Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 14Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 15Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 16Page - Texas Instruments LP3954TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
0
100
200
300
400
500
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
OUTPUT CURRENT (mA)
VIN = 3V
f = 2 MHz
L - TDK VLF0410 4.7 PH
CIN = COUT = 10 PF
90
20
LOAD CURRENT (mA)
0
30
80
70
60
50
40
30
5
10
15
20
25
Autoload ON
Autoload OFF
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Vin = 3.6V, Vout = 5.0V if not otherwise stated
Output Voltage vs Load Current
Efficiency At Low Load vs Autoload
Figure 12.
Figure 13.
Functionality of Color LED Outputs (R1, G1, B1; R2, G2, B2)
LP3954 has 2 sets of RGB/color LED outputs. Both sets have 3 outputs and the sets can be controlled in 4
different ways:
1. Command based pattern generator control (internal PWM)
2. Audio synchronization control
3. Direct ON/OFF control
4. External PWM control
By using command based pattern generator user can program any kind of color effect patterns. LED intensity,
blinking cycles and slopes are independently controlled with 8 16-bit commands. Also real time commands are
possible as well as loops and step by step control. If analog audio is available on system, the user can use
audio synchronization for synchronizing LED blinking to the music. The different modes together with the
various sub modes generate very colorful and interesting lighting effects. Direct ON/OFF control is mainly for
switching on and off LEDs. External PWM control is for applications where external PWM signal is available
and required to control the color LEDs. PWM signal can be connected to any color LED separately as shown
later.
COLOR LED CONTROL MODE SELECTION
The RGB_SEL[1:0] bits in the Enables register (08H) control the output modes for RGB1 (R1, G1, B1) and RGB2
(R2, G2, B2) outputs. The following table shows the RGB_SEL functionality.
Command Based Pattern Generator
RGB_SEL[1:0]
Audio Sync Connected To
Connected To
00
none
RGB1 & RGB2
01
RGB1
RGB2
10
RGB2
RGB1
11
RGB1 & RGB2
none
RGB Control register (00H) has control bits for direct on/off control of all color LEDs. Note that the LEDs have
to be turned on in order to control them with audio synchronization or pattern generator.
The external PWM signal controls any LED depending on the control register setup. The controls are in the Ext.
PWM Control register (address 07H) except the FLASH control in HC_Flash (10H) register as follows:
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com