Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7331 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7331
Description  Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7331 Datasheet(HTML) 2 Page - Supertex, Inc

  HV7331 Datasheet HTML 1Page - Supertex, Inc HV7331 Datasheet HTML 2Page - Supertex, Inc HV7331 Datasheet HTML 3Page - Supertex, Inc HV7331 Datasheet HTML 4Page - Supertex, Inc HV7331 Datasheet HTML 5Page - Supertex, Inc HV7331 Datasheet HTML 6Page - Supertex, Inc HV7331 Datasheet HTML 7Page - Supertex, Inc HV7331 Datasheet HTML 8Page - Supertex, Inc HV7331 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV7331
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7331
B011513
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Power-Up Sequence
Step
Description
1
V
LL with logic signal low
2
V
DD, VSS
3
V
PP, VNN
4
Logic control signals active
Power-Down Sequence
Step
Description
1
All logic signals go to low
2
V
PP, VNN
3
V
DD, VSS
4
V
LL
Pin Configuration
Package Marking
1
64
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
HV7331K6
LLLLLLLLL
YYWW
AAA CCC
64-Lead QFN
64-Lead QFN
(top view)
Package may or may not include the following marks: Si or
Parameter
Value
AGND, DGND and V
SUB
0V
V
LL, Positive logic supply
-0.5 to +5.5V
V
DD, Positive logic and level translator supply
-0.5 to +5.5V
V
SS, Negative level translator supply
+0.5 to -5.5V
(V
PP-VNN) Differential high voltage supply
+160V
V
PP, High voltage positive supply
-0.5 to +80V
V
NN, High voltage negative supply
+0.5 to -80V
All logic input PIN
X, NINX, EN and CW voltages
-0.5 to +5.5V
(V
PP -TXn) VPP to TXn voltage difference
+160V
(TX
n -VNN) TXn to VNN voltage difference
+160V
(RGP - GND) RGP to GND voltage difference
-0.5 to +5.5V
(RGN - GND) RGN to GND voltage difference
+0.5 to -5.5V
Storage temperature
-65 to 150°C
Note:
Powering up/down in any arbitrary sequence will not cause any damage to the device. The powering up/down sequence is only recommended in
order to minimize possible inrush current.
Ordering Information / Availability
Part Number
Package Option
Packing
HV7331K6-G
64-Lead QFN (9.0x9.0)
260/tray
Typical Thermal Resistance
Package
θ
ja
64-Lead QFN
21OC/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com