Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7331 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV7331
Description  Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7331 Datasheet(HTML) 3 Page - Supertex, Inc

  HV7331 Datasheet HTML 1Page - Supertex, Inc HV7331 Datasheet HTML 2Page - Supertex, Inc HV7331 Datasheet HTML 3Page - Supertex, Inc HV7331 Datasheet HTML 4Page - Supertex, Inc HV7331 Datasheet HTML 5Page - Supertex, Inc HV7331 Datasheet HTML 6Page - Supertex, Inc HV7331 Datasheet HTML 7Page - Supertex, Inc HV7331 Datasheet HTML 8Page - Supertex, Inc HV7331 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HV7331
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7331
B011513
Operating Supply Voltages and Current (Four Active Channels)
(Operating conditions, unless otherwise specified, V
LL = +3.3V, VDD = +5V, VSS = -5V, VPP = +70V, VNN = -70V, VSUB = 0V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
V
LL
Logic voltage reference
2.25
3.3
5.25
V
---
V
DD
Positive voltage supply
4.85
5.0
5.15
V
---
V
SS
Negative voltage supply
-5.15
-5.0
-4.85
V
---
V
RGP
Positive voltage supply
1.0
-
5.5
V
When CW/RTZ = 0 (in B-Mode)
must be 0 ≤ V
RGP ≤ +0.5V and
0 ≥ V
RGN ≥ -0.5V
V
RGN
Negative voltage supply
-5.5
-
-1.0
V
V
PP
Positive HV supply
VDD
-
+70
V
---
V
NN
Negative HV supply
-70
-
VSS
V
---
I
LL
V
LL, Current EN = 0
-
1.0
3.0
μA
---
I
DDQ
V
DD, Current EN = 0
-
100
180
μA
---
I
DDEN
V
DD, Current EN = 1
-
2.5
6.0
mA
f = 0MHz, CW/RTZ = Low
RGN = RGP = 0V
I
SSQ
V
SS Current EN = 0
-
10
20
μA
I
SSEN
V
SS Current EN = 1
-
2.0
6.0
mA
I
DDCW
V
DD Current EN = CW = 1
-
45
55
mA
f = 5.0MHz, CW/RTZ = High
RGN/RGP = ±5.0V,
No Load
I
SSCW
V
SS Current EN = CW = 1
-
45
55
mA
I
RGPCW
RGP Current EN = CW = 1
-
60
75
mA
I
RGNCW
RGP Current EN = CW = 1
-
35
75
mA
I
PPQ
V
PP Current EN = 0
-
32
50
μA
---
I
NNQ
V
NN Current EN = 0
-
32
50
μA
I
PPEN
V
PP Current EN = 1
-
290
-
mA
f = 5.0MHz, continuous,
no loads
I
NNEN
V
NN Current EN = 1
-
290
-
mA
I
PPEN
V
PP Current EN = 1, LR = 1
-
0.25
0.5
mA
f = 0MHz
I
NNEN
V
SS Current EN = 1, LR = 1
-
0.25
0.5
mA
I
PPEN
V
PP Current EN = 1, LR = 0
-
32
50
μA
I
NNEN
V
NN Current EN = 1, LR = 0
-
32
50
μA
Logic Inputs
Sym
Parameter
Min
Typ
Max
Units Conditions
V
IH
Input logic high voltage
(V
LL - 0.4)
-
V
LL
V
---
V
IL
Input logic low voltage
0
-
0.4
V
---
I
IH
Input logic high current
-
-
1.0
μA
---
I
IL
Input logic low current
-1.0
-
-
μA
---
C
IN
Input logic capacitance
-
-
5.0
pF
---



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com