Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7331 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV7331
Description  Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7331 Datasheet(HTML) 4 Page - Supertex, Inc

  HV7331 Datasheet HTML 1Page - Supertex, Inc HV7331 Datasheet HTML 2Page - Supertex, Inc HV7331 Datasheet HTML 3Page - Supertex, Inc HV7331 Datasheet HTML 4Page - Supertex, Inc HV7331 Datasheet HTML 5Page - Supertex, Inc HV7331 Datasheet HTML 6Page - Supertex, Inc HV7331 Datasheet HTML 7Page - Supertex, Inc HV7331 Datasheet HTML 8Page - Supertex, Inc HV7331 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HV7331
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7331
B011513
Electrical Characteristics
(Operating conditions, unless otherwise specified, V
LL = +3.3V, VDD = +5.0V, VSS = -5.0V, VPP = +70V, VNN = -70V, VSUB = 0V, TA = 25°C)
.0
Pulser P-Channel MOSFET
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
2.0
3.3
-
A
---
R
ON
Channel resistance
-
4.0
5.5
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
50
-
pF
V
DS = 25V, f = 1.0MHz
Pulser N-Channel MOSFET
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
2.0
3.3
-
A
---
R
ON
Channel resistance
-
2.3
3.0
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
50
-
pF
V
DS = 25V, f = 1.0MHz
MOSFET Drain Bleed Resistor
Sym
Parameter
Min
Typ
Max
Units Conditions
R
P/N1~4
Output bleed resistance
120
-
190
kΩ
---
P
RO
Bleed resistors power limit
-
-
40
mW ---
Damping P-Channel MOSFET
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
2.0
3.3
-
A
V
RGP = VRGN = 0V
R
ON
Channel resistance
-
3.7
4.8
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
50
-
pF
V
DS = 25V, f = 1.0MHz
Damping N-Channel MOSFET
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
2.0
3.3
-
A
V
RGP = VRGN = 0V
R
ON
Channel resistance
-
2.7
3.5
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
50
-
pF
V
DS = 25V, f = 1.0MHz
CW Mode P- & N-Channel MOSFET
Sym
Parameter
Min
Typ
Max
Units Conditions
R
ONCW-P
CW Mode ON-resistance
-
14
-
Ω
I
SD = 100mA,
V
RGP = +5.0V, VRGN = -5.0V
R
ONCW-N
CW Mode ON-resistance
-
14
-
Ω
ΔR
ONCW
P- & N-Ch R
ONCW matching
-
±2.0
-
Ω
AC Electrical Characteristics
(Operating conditions, unless otherwise specified, V
LL = +3.3V, VADD = VDD = +5.0V, VSS = -5.0V ,VPP = +70V, VNN = -70V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
t
r1
Pulser output rise time
-
15
18
ns
330pF//2.5kΩ load
t
f1
Pulser output fall time
-
15
18
ns
t
r2
Damping output rise time
-
15
18
ns
t
f2
Damping output fall time
-
15
18
ns
t
r3
CWD output rise time
-
17
22
ns
330pF//2.5kΩ load,
RGP/RGN = ±5.0V
t
f3
CWD output fall time
-
17
22
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com