Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7331 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV7331
Description  Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7331 Datasheet(HTML) 5 Page - Supertex, Inc

  HV7331 Datasheet HTML 1Page - Supertex, Inc HV7331 Datasheet HTML 2Page - Supertex, Inc HV7331 Datasheet HTML 3Page - Supertex, Inc HV7331 Datasheet HTML 4Page - Supertex, Inc HV7331 Datasheet HTML 5Page - Supertex, Inc HV7331 Datasheet HTML 6Page - Supertex, Inc HV7331 Datasheet HTML 7Page - Supertex, Inc HV7331 Datasheet HTML 8Page - Supertex, Inc HV7331 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
HV7331
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7331
B011513
AC Electrical Characteristics (cont.)
(Operating conditions, unless otherwise specified, V
LL = +3.3V, VADD = VDD = +5.0V, VSS = -5.0V ,VPP = +70V, VNN = -70V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
f
OUT
Output frequency range
-
-
20
MHz
100Ω load
HD2
Second harmonic distortion
-
-40
-
dB
t
EN_ON
Delay on mode change
-
200
300
μs
CPF,
CNF capacitor 0.47μF per pin,
50% to 90%
t
EN_OFF
Chip disable time
-
2.0
4.0
μs
t
LR_ON
Linear regulators enable time
-
200
300
μs
t
LR_OFF
Linear regulators disable time
-
2.0
4.0
μs
t
drp1
Pulser delay time on P-rise
8.0
-
13
ns
CW/RTZ = 0
R
1 = R2 = 1.0Ω to GND
t
dfp1
Pulser delay time on P-fall
5.0
-
10
ns
t
drn1
Pulser delay time on N-rise
8.0
-
13
ns
t
dfn1
Pulser delay time on N-fall
5.0
-
10
ns
t
drp2
CWD delay time on P-rise
6.0
-
12
ns
CW/RTZ = 1
R
1 = R2 = 1.0Ω to GND
t
dfp2
CWD delay time on P-fall
6.0
-
12
ns
t
drn2
CWD delay time on N-rise
6.0
-
12
ns
t
dfn2
CWD delay time on N-fall
6.0
-
12
ns
Δt
DELAY
Delay time matching
-
±2.5
-
ns
P to N, channel to channel
t
JCW
Delay jitter on rise or fall
-
13
-
ps
V
RGP/VRGN = ±5.0V, input tr 50% to
HV
OUT tr or tf 50%, with 50Ω load
Inputs
Output MOSFETs
Operation
Mode
EN
CW/RTZ
PIN
NIN
VPP
to
TX
VNN
to
TX
TX
to
RGP
TX
to
RGN
B-Mode
with RTZ
1
0
0
0
OFF
OFF
ON
ON
0
1
0
ON
OFF
OFF
OFF
0
0
1
OFF
ON
OFF
OFF
0
1
1
OFF
OFF
OFF
OFF
CW-Mode
1
1
0
0
OFF
OFF
OFF
OFF
1
1
0
OFF
OFF
ON
OFF
1
0
1
OFF
OFF
OFF
ON
1
1
1
OFF
OFF
OFF
OFF
Disable
0
X
X
X
OFF
OFF
OFF
OFF
Logic Control Table (each channel)
Note:
When CW/RTZ = 0 (in B-Mode) must be 0 ≤ V
RGP ≤ +0.5V and 0 ≥ VRGN ≥ -0.5V
When CW/RTZ = 1 (in CW-Mode) must be 0 ≤ V
RGP ≤ +5.5V and 0 ≥ VRGN ≥ -5.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com