Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7331 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV7331
Description  Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7331 Datasheet(HTML) 1 Page - Supertex, Inc

  HV7331 Datasheet HTML 1Page - Supertex, Inc HV7331 Datasheet HTML 2Page - Supertex, Inc HV7331 Datasheet HTML 3Page - Supertex, Inc HV7331 Datasheet HTML 4Page - Supertex, Inc HV7331 Datasheet HTML 5Page - Supertex, Inc HV7331 Datasheet HTML 6Page - Supertex, Inc HV7331 Datasheet HTML 7Page - Supertex, Inc HV7331 Datasheet HTML 8Page - Supertex, Inc HV7331 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
HV7331
Doc.# DSFP-HV7331
B011513
Features
► HVCMOS technology for high performance
► High density integrated ultrasound transmitter
► 0 to ±70V output voltage
► ±2.0A source and sink minimum pulse current
► Up to 20MHz operation frequency
► ±2.5ns matched delay times
► 2.5 to 5.0V CMOS logic interface
► Built-in output drain diode and bleed resistors
► CW/RTZ Doppler quick switching
► Two damping mode options
Applications
► Portable medical ultrasound imaging
► Piezoelectric transducer drivers
► NDT ultrasound transmission
► Pulse waveform generator
General Description
The Supertex HV7331 is a four-channel, monolithic, high voltage,
high speed pulse generator with built in fast return to zero damping
FETs. This high voltage and high-speed integrated circuit is
designed for portable medical ultrasound imaging devices, and can
also be used for NDT applications.
The HV7331 consists of a controller logic interface circuit, level
translators, MOSFETgate drives, and high current power P-channel
and N-channel MOSFETs as the output stage for each channel.
The peak output currents of each channel are guaranteed to be
over 2.0A with up to a ±70V pulse swing. The integrated regulators
for the gate drivers not only saves two floating voltage supplies, but
also makes the PCB layout easier. The split common source for
the P or N damping MOSFETs provide pulse or CW Doppler mode
quick switch-over for cost and power savings.
Typical Application Circuit
Four Channel, High Speed ±70V 2.0A
Ultrasound RTZ Pulser
CGN
TX1
RGP
HV
OUT
RGN
+VCW
CW/RTZ
-VCW
CGP
Logic
& Level
Translator
V
PP
V
PF
V
NF
V
NN
V
NN
SUB
VSUB
DGND
VNN
-5.0 to -70V
1 of 4-Channels Shown
VSS
-5.0V
CNF
VDD
+5.0V
VPP
+5.0 to +70V
CPF
VLL
+2.5 to 3.3V
V
PP
EN
LR
CW/RTZ
PIN1
NIN1
AGND
V
PF
VNF
V
GN
R
GN
R
GP
V
GP
VGP
VGN
V
SS
LRN
V
DD
RGND
RGND
LRP
RGND


Similar Part No. - HV7331

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HV733ATTD1004D KOA-HV733ATTD1004D Datasheet
83Kb / 2P
flat chip resistors for high voltage
HV733ATTD1004D KOA-HV733ATTD1004D Datasheet
232Kb / 2P
flat chip resistors for high voltage
HV733ATTD1004F KOA-HV733ATTD1004F Datasheet
83Kb / 2P
flat chip resistors for high voltage
HV733ATTD1004F KOA-HV733ATTD1004F Datasheet
232Kb / 2P
flat chip resistors for high voltage
HV733ATTD1004G KOA-HV733ATTD1004G Datasheet
83Kb / 2P
flat chip resistors for high voltage
More results

Similar Description - HV7331

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
Quad High Speed 짹65V 750mA Ultrasound Pulser
HV7355 SUTEX-HV7355 Datasheet
688Kb / 9P
Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7355 SUTEX-HV7355_14 Datasheet
449Kb / 8P
Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7350 SUTEX-HV7350 Datasheet
579Kb / 8P
Eight-Channel, High Speed, 짹60V, 짹1.0A, Ultrasound RTZ Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com