Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP5521
Description  LP5521 Programmable Three-Channel LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5521 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 22Page - Texas Instruments LP5521 Datasheet HTML 23Page - Texas Instruments LP5521 Datasheet HTML 24Page - Texas Instruments LP5521 Datasheet HTML 25Page - Texas Instruments LP5521 Datasheet HTML 26Page - Texas Instruments LP5521 Datasheet HTML 27Page - Texas Instruments LP5521 Datasheet HTML 28Page - Texas Instruments LP5521 Datasheet HTML 29Page - Texas Instruments LP5521 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
LP5521
SNVS441H – JANUARY 2007 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.5.3.2 Set PWM
Set PWM output value from 0 to 255. Command takes sixteen 32 kHz clock cycles (= 488
μs). Setting register
00H bit LOG_EN sets the scale from linear to logarithmic.
Table 16. Set PWM Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
0
0
0
0
0
PWM value
7.5.3.3 Go to Start
Go to start command resets Program Counter register and continues executing program from the 00H location.
Command takes sixteen 32 kHz clock cycles. Note that default value for all program memory registers is 0000H,
which is Go to start command.
Go to start command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
7.5.3.4 Branch
When branch command is executed, the 'step number' value is loaded to PC and program execution continues
from this location. Looping is done by the number defined in loop count parameter. Nested looping is supported
(loop inside loop). The number of nested loops is not limited. Command takes sixteen 32-kHz clock cycles.
Table 17. Branch Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
0
1
Loop count
X
X
X
Step number
NAME
VALUE(d)
DESCRIPTION
loop count
0-63
The number of loops to be done. 0 means infinite loop.
step number
0-15
The step number to be loaded to program counter.
7.5.3.5 End
End program execution, resets the program counter and sets the corresponding EXEC register to 00b (hold).
Command takes sixteen 32-kHz clock cycles.
Table 18. End Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
0
int
reset
X
X
X
X
X
X
X
X
X
X
X
NAME
VALUE
DESCRIPTION
int
0
No interrupt will be sent.
1
Send interrupt to processor by pulling the INT pin down and setting corresponding status
register bit high to notify that program has ended. Interrupt can only be cleared by reading
interrupt status register 0CH.
reset
0
Keep the current PWM value.
1
Set PWM value to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com