Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP5521
Description  LP5521 Programmable Three-Channel LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5521 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 26Page - Texas Instruments LP5521 Datasheet HTML 27Page - Texas Instruments LP5521 Datasheet HTML 28Page - Texas Instruments LP5521 Datasheet HTML 29Page - Texas Instruments LP5521 Datasheet HTML 30Page - Texas Instruments LP5521 Datasheet HTML 31Page - Texas Instruments LP5521 Datasheet HTML 32Page - Texas Instruments LP5521 Datasheet HTML 33Page - Texas Instruments LP5521 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
30
LP5521
SNVS441H – JANUARY 2007 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.2 Operation Mode Register (OP Mode)
Address 01H
Reset value 00H
Table 22. OP Mode Register
7
6
5
4
3
2
1
0
R_MODE[1]
R_MODE[0]
G_MODE[1]
G_MODE[0]
B_MODE[1]
B_MODE[0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
R_MODE
5:4
R/W
R channel operation mode
00b = Disabled
01b = Load program to SRAM, reset R channel PC
10b = Run program defined by R_EXEC
11b = Direct control
G_MODE
3:2
R/W
G channel operation mode
00b = Disabled
01b = Load program to SRAM, reset G channel PC
10b = Run program defined by G_EXEC
11b = Direct control
B_MODE
1:0
R/W
B channel operation mode
00b = Disabled
01b = Load program to SRAM, reset B channel PC
10b = Run program defined by B_EXEC
11b = Direct control
MODE registers are synchronized to 32 kHz clock. Delay between consecutive I2C writes to OP_MODE register
(01H) need to be longer than 153
μs (typ).
7.6.3 R Channel PWM Control (R_PWM)
Address 02H
Reset value 00H
Table 23. R PWM Register
7
6
5
4
3
2
1
0
R_PWM[7:0]
NAME
BIT
ACCESS
ACTIVE
DESCRIPTION
R_PWM
7:0
R/W
R Channel PWM value during direct control operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com