Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5521
Description  LP5521 Programmable Three-Channel LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5521 Datasheet(HTML) 1 Page - Texas Instruments

  LP5521 Datasheet HTML 1Page - Texas Instruments LP5521 Datasheet HTML 2Page - Texas Instruments LP5521 Datasheet HTML 3Page - Texas Instruments LP5521 Datasheet HTML 4Page - Texas Instruments LP5521 Datasheet HTML 5Page - Texas Instruments LP5521 Datasheet HTML 6Page - Texas Instruments LP5521 Datasheet HTML 7Page - Texas Instruments LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LP5521
MCU
COUT
1 µF
CIN
1 µF
0.47 µF
CFLY1
CFLY2
SCL
SDA
CLK_32K
INT
ADDR_SEL0
ADDR_SEL1
TRIG
EN
VDD
GNDs
R
G
B
VOUT
CFLY1P
CFLY1N
CFLY2P
CFLY2N
RGB LED 0...25.5 mA/LED
GPO
0.47 µF
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5521
SNVS441H – JANUARY 2007 – REVISED MAY 2016
LP5521 Programmable Three-Channel LED Driver
1
1 Features
1
•
Adaptive Charge Pump With 1× and 1.5× Gain
Provides Up to 95% LED Drive Efficiency
•
Charge Pump with Soft Start and Overcurrent,
Short-Circuit Protection
•
Low Input Ripple and EMI
•
Very Small Solution Size, No Inductor or Resistors
Required
•
200-nA Typical Shutdown Current
•
Automatic Power Save Mode
•
I2C-Compatible Interface
•
Independently Programmable Constant Current
Outputs with 8-Bit Current Setting and 8-Bit PWM
Control
•
Typical LED Output Saturation Voltage 50 mV and
Current Matching 1%
•
Three Program Execution Engines with Flexible
Instruction Set
•
Autonomous Operation Without External Control
•
Large SRAM Program Memory
•
Two General Purpose Digital Outputs
2 Applications
•
Fun and Indicator Lights
•
LCD Sub-Display Backlighting
•
Keypad RGB Backlighting and Phone Cosmetics
•
Vibra, Speakers, Waveform Generator
•
Blood Glucose Meter
•
Handheld POS Terminals
•
Electronic Access Control
•
Where RGB Indication is Needed
Typical Application Circuit
3 Description
The LP5521 is a three-channel LED driver designed
to produce variety of lighting effects for mobile
devices. A high-efficiency charge pump enables LED
driving over full Li-Ion battery voltage range. The
device has a program memory for creating variety of
lighting sequences. When program memory has been
loaded, LP5521 can operate autonomously without
processor control allowing power savings.
The device maintains excellent efficiency over a wide
operating range by automatically selecting proper
charge pump gain based on LED forward voltage
requirements and is able to automatically enter
power-save mode, when LED outputs are not active
and thus lowering current consumption.
Three independent LED channels have accurate
programmable current sources and PWM control.
Each channel has program memory for creating
desired lighting sequences with PWM control.
The LP5521 has a flexible digital interface. Trigger
I/O and a 32-kHz clock input allow synchronization
between multiple devices. Interrupt output can be
used to notify processor, when LED sequence has
ended. The LP5521 has four pin selectable I2C-
compatible addresses. This allows connecting up to
four parallel devices in one I2C-compatible bus. GPO
and INT pins can be used as a digital control pin for
other devices.
The LP5521 requires only four small, low-cost
ceramic capacitors.
Comprehensive
application
tools
are
available,
including command compiler for easy LED sequence
programming.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
LP5521TM
DSBGA (20)
2.093 mm × 1.733 mm (MAX)
LP5521YQ
WQFN (24)
5.00 mm × 4.00 mm (NOM)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - LP5521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Texas Instruments
LP5521 TI2-LP5521 Datasheet
1Mb / 51P
LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
REVISED NOVEMBER 2016
logo
National Semiconductor ...
LP5521TM NSC-LP5521TM Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
logo
Texas Instruments
LP5521TM TI2-LP5521TM Datasheet
1Mb / 51P
LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
REVISED NOVEMBER 2016
LP5521TM/NOPB TI2-LP5521TM/NOPB Datasheet
1Mb / 51P
LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
REVISED NOVEMBER 2016
More results

Similar Description - LP5521

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
392Kb / 14P
Three-Channel Constant-Current LED Driver
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
Programmable LED Driver
logo
Marktech Corporate
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
247Kb / 11P
Three-Channel Constant-Current LED Driver
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Marktech Corporate
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
291Kb / 13P
Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG_15 Datasheet
291Kb / 13P
Three-Channel Constant-Current LED Driver
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
Three-Channel-Two-Channel Boost LED Driver
logo
SHENZHEN FUMAN ELECTRON...
TC26723 FUMAN-TC26723 Datasheet
124Kb / 4P
Three-channel LED driver control chip
logo
NXP Semiconductors
ASL3416SHN NXP-ASL3416SHN Datasheet
1Mb / 38P
Enhanced three channel LED buck driver
Rev. 6 - 16 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com