Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5521
Description  LP5521 Programmable Three-Channel LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5521 Datasheet HTML 2Page - Texas Instruments LP5521 Datasheet HTML 3Page - Texas Instruments LP5521 Datasheet HTML 4Page - Texas Instruments LP5521 Datasheet HTML 5Page - Texas Instruments LP5521 Datasheet HTML 6Page - Texas Instruments LP5521 Datasheet HTML 7Page - Texas Instruments LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments LP5521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
LP5521
SNVS441H – JANUARY 2007 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LP5521
UNIT
YFQ (DSBGA)
NJA (WQFN)
20 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
70.7
38.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.5
27.3
°C/W
RθJB
Junction-to-board thermal resistance
12.1
15.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.2
°C/W
ψJB
Junction-to-board characterization parameter
12.0
15.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
3.1
°C/W
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum and Maximum limits are specified by design, test, or statistical analysis.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
6.5 Electrical Characteristics
Unless otherwise noted, specifications apply to the LP5521 Functional Block Diagram with: 2.7 V
≤ VDD ≤ 5.5 V, COUT= CIN =
1
μF, CFLY1 = CFLY2 = 0.47 μF; limits are for TJ = 25°C unless specified in the test conditions.
(1) (2) (3)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD
Standby supply current
EN = 0 (pin), CHIP_EN = 0 (bit), external 32
kHz clock running or not running
0.2
μA
EN = 0 (pin), CHIP_EN = 0 (bit), external 32-
kHz clock running or not running, –30°C < TA <
85°C
2
EN = 1 (pin), CHIP_EN = 0 (bit), external 32-
kHz clock not running
1
μA
EN = 1 (pin), CHIP_EN = 0 (bit), external 32-
kHz clock running
1.4
μA
Normal mode supply current
Charge pump and LED drivers disabled
0.25
mA
Charge pump in 1x mode, no load, LED drivers
disabled
0.7
mA
Charge pump in 1.5x mode, no load, LED
drivers disabled
1.5
mA
Charge pump in 1x mode, no load, LED drivers
enabled
1.2
mA
Powersave mode supply
current
External 32-kHz clock running
10
μA
Internal oscillator running
0.25
mA
ƒOSC
Internal oscillator frequency
accuracy
–4%
4%
–30°C < TA < 85°C
–7%
7%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com