Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5521 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5521
Description  LP5521 Programmable Three-Channel LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5521 Datasheet(HTML) 4 Page - Texas Instruments

  LP5521 Datasheet HTML 1Page - Texas Instruments LP5521 Datasheet HTML 2Page - Texas Instruments LP5521 Datasheet HTML 3Page - Texas Instruments LP5521 Datasheet HTML 4Page - Texas Instruments LP5521 Datasheet HTML 5Page - Texas Instruments LP5521 Datasheet HTML 6Page - Texas Instruments LP5521 Datasheet HTML 7Page - Texas Instruments LP5521 Datasheet HTML 8Page - Texas Instruments LP5521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
LP5521
SNVS441H – JANUARY 2007 – REVISED MAY 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Pin Functions LP5521TM (continued)
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
3E
INT
OD/O
Interrupt output / General Purpose Output
4A
CFLY2P
A
Positive terminal of charge pump fly capacitor 2
4B
CFLY1P
A
Positive terminal of charge pump fly capacitor 1
4C
VDD
P
Power supply pin
4D
GND
G
Ground
4E
TRIG
I/OD
Trigger input/output
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Input Pin, I/O: Input/Output Pin, O: Output Pin, OD: Open Drain Pin
Pin Functions LP5521YQ
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1
CFLY2P
A
Positive pin of charge pump fly capacitor 2
2
CFLY1P
A
Positive pin of charge pump fly capacitor 1
3
VDD
P
Power supply pin
4
GND
G
Ground
5
CLK_32K
I
32-kHz clock input
6
INT
OD/O
Interrupt output / General purpose output
7
TRIG
I/OD
Trigger input/output
8
N/C
9
N/C
10
N/C
11
N/C
12
N/C
13
SDA
I/OD
I2C serial interface data input/output
14
EN
I
Chip enable
15
SCL
I
I2C Serial interface clock input
16
GPO
O
General purpose output
17
R
A
Current source output
18
G
A
Current source output
19
B
A
Current source output
20
ADDR_SEL0
I
I2C address select input
21
ADDR_SEL1
I
I2C address select input
22
VOUT
A
Charge pump output
23
CFLY2N
A
Negative pin of charge pump fly capacitor 2
24
CFLY1N
A
Negative pin of charge pump fly capacitor 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com