Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 15Page - Dallas Semiconductor DS89C430 Datasheet HTML 16Page - Dallas Semiconductor DS89C430 Datasheet HTML 17Page - Dallas Semiconductor DS89C430 Datasheet HTML 18Page - Dallas Semiconductor DS89C430 Datasheet HTML 19Page - Dallas Semiconductor DS89C430 Datasheet HTML 20Page - Dallas Semiconductor DS89C430 Datasheet HTML 21Page - Dallas Semiconductor DS89C430 Datasheet HTML 22Page - Dallas Semiconductor DS89C430 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
19 of 48
Table 2. SFR Reset Value (continued)
REGISTER
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TL2
CCh
0
0
0
0
0
0
0
0
TH2
CDh
0
0
0
0
0
0
0
0
PSW
D0h
0
0
0
0
0
0
0
0
FCNTL
D5h
1
0
1
1
0
0
0
0
FDATA
D6h
0
0
0
0
0
0
0
0
WDCON
D8h
0
Special
0
Special
0
Special
Special
0
ACC
E0h
0
0
0
0
0
0
0
0
EIE
E8h
1
1
1
0
0
0
0
0
B
F0h
0
0
0
0
0
0
0
0
EIP1
F1h
1
1
1
0
0
0
0
0
EIP0
F8h
1
1
1
0
0
0
0
0
Note: Consult the Ultra-High-Speed Flash Microcontroller User’s Guide for more information about the bits marked “Special.”
Memory Organization
There are three distinct memory areas in the DS89C430: scratchpad registers, program memory, and data
memory. The registers are located on-chip but the program and data memory spaces can be on-chip, off-chip, or
both. The DS89C430/DS89C440/DS89C450 have 16kB/32kB/64kB of on-chip program memory, respectively,
implemented in flash memory and also have 1kB of on-chip data memory space that can be configured as program
space using the PRAME bit in the ROMSIZE feature. The DS89C430 uses a memory-addressing scheme that
separates program memory from data memory. The program and data segments can be overlapped since they are
accessed in different manners. If the maximum address of on-chip program or data memory is exceeded, the
DS89C430 performs an external memory access using the expanded memory bus. The
PSEN signal goes active
low to serve as a chip enable or output enable when performing a code fetch from external program memory.
MOVX instructions activate the
RD or WR signal for external MOVX data memory access. The program memory
ROMSIZE feature allows software to dynamically configure the maximum address of on-chip program memory.
This allows the DS89C430 to act as a bootloader for an external memory. It also enables the use of the
overlapping external program spaces. The lower 128 bytes of on-chip flash memory—if ROMSIZE is greater than
0—are used to store reset and interrupt vectors. 256 bytes of on-chip RAM serve as a register area and program
stack, which are separated from the data memory.
Register Space
Registers are located in the 256 bytes of on-chip RAM labeled “internal registers” (Figure 6), which can be divided
into two sub areas of 128 bytes each. Separate classes of instructions are used to access the registers and the
program/data memory. The upper 128 bytes are overlapped with the 128 bytes of SFRs in the memory map.
Indirect addressing is used to access the upper 128 bytes of scratchpad RAM, while the SFR area is accessed
using direct addressing. The lower 128 bytes can be accessed using direct or indirect addressing.
There are four banks of eight working registers in the lower 128 bytes of scratchpad RAM. The working registers
are general-purpose RAM locations that can be addressed within the selected bank by any instructions that use
R0–R7. The register bank selection is controlled through the program status register in the SFR area. The contents
of the working registers can be used for indirect addressing of the upper 128 bytes of scratchpad RAM.
Individually addressable bits in the RAM and SFR areas support Boolean operations. In the scratchpad RAM area,
registers 20h–2Fh are bit addressable by software using Boolean operation instructions.
Another use of the scratchpad RAM area is for the stack. The stack pointer, contained in the SFRs, is used to
select storage locations for program variables and for return addresses of control operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com