Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 31 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 31 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 27Page - Dallas Semiconductor DS89C430 Datasheet HTML 28Page - Dallas Semiconductor DS89C430 Datasheet HTML 29Page - Dallas Semiconductor DS89C430 Datasheet HTML 30Page - Dallas Semiconductor DS89C430 Datasheet HTML 31Page - Dallas Semiconductor DS89C430 Datasheet HTML 32Page - Dallas Semiconductor DS89C430 Datasheet HTML 33Page - Dallas Semiconductor DS89C430 Datasheet HTML 34Page - Dallas Semiconductor DS89C430 Datasheet HTML 35Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
31 of 48
Note that there are a few exceptions for this mode of operation when PAGES1 and PAGES2 are set to 00b:
·
PSEN is asserted for both a page hit and a page miss for a full clock cycle.
·
The execution of external MOVX instruction causes a page miss.
·
A page miss occurs when fetching the next external instruction following the execution of an external MOVX
instruction.
Figure 10 shows the external memory cycle for this bus structure. The first case illustrates a back-to-back
execution sequence for the one-cycle page mode (PAGES1 = PAGES0 = 0b).
PSEN remains active during page hit
cycles, and page misses are forced during and after MOVX executions, independent of the most significant byte of
the subsequent addresses. The second case illustrates a MOVX execution sequence for two-cycle page mode
(PAGES1 = 0 and PAGES0 = 1).
PSEN is active for a full clock cycle in code fetches. Note that changing the most
significant byte of the data address causes the page misses in this sequence. The third case illustrates a MOVX
execution sequence for four-cycle page mode (PAGES1 = 1 and PAGES0 = 0). There is no page miss in this
execution cycle as the most significant byte of the data address is assumed to match the last program address.
The second page mode (page mode 2) external bus structure multiplexes the most significant address byte with
data on P2 and uses P0 for the least significant address byte. This bus structure is used to speed up external code
fetches only. External data memory access cycles are identical to the nonpage mode except for the different
signals on P0 and P2. Figure 11 illustrates the memory cycle for external code fetches.
Figure 11. Page Mode 2, External Code Fetch Cycle (CD1:CD0 = 10)
Internal Memory Cycles
C2
C3
C4
C1
C2
C1 C2
XTAL1
ALE
Port 0
Port 2
PSEN
C1
Ext Code Fetches
Page Miss
Page Hit
Page Hit
Data
Data
LSB Add
LSB Add
LSB Add
Data
MSB Add
Stretch External Data Memory Cycle in Page Mode
The DS89C430 allows software to adjust the speed of external data memory access by stretching the memory bus
cycle in page mode operation just like nonpage mode operation. The following tables summarize the stretch values
and their effect on the external MOVX memory bus cycle and the control signals’ pulse width in terms of the
number of oscillator clocks. A stretch machine cycle always contains four system clocks, independent of the logic
value of the page mode select bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com